Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLED Datasheet(PDF) 2 Page - Littelfuse

Part # PLED
Description  Fast switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PLED Datasheet(HTML) 2 Page - Littelfuse

  PLED Datasheet HTML 1Page - Littelfuse PLED Datasheet HTML 2Page - Littelfuse PLED Datasheet HTML 3Page - Littelfuse PLED Datasheet HTML 4Page - Littelfuse PLED Datasheet HTML 5Page - Littelfuse PLED Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PLED Open LED Protectors
Revision: 09/25/15
©2015 Littelfuse, Inc.
Specifications are subject to change without notice.
PLED Unidirectional Series
Package
Symbol
Parameter
Value
Unit
QFN 3x3
DO-214AA
T
J
Operating Junction Temperature Range
-40 to +150
°C
T
S
Storage Temperature Range
-65 to +150
°C
R
θJA
Thermal Resistance: Junction to Ambient
DO-214AA: 901
DO-214AA: 402
QFN: 1201
QFN:
603
°C/W
Thermal Considerations
IH
IT
IS
VDRM
VT
+V
-V
+I
-I
VBR
IT
VF
V-I Characteristics
0.4
-40 -20
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Case Temperature (T
C ) – ˚C
25 ˚C
0 20 40 60 80 100 120 140 160
ON/OFF
Switch
PWM
LED
Driver
Vbat
12 Vdc
+
-
2.0 , 1/4 W
110 k , 1/4 W
Q2
2N2222
Q1
Unidiretional
PLED
Control
Circuit
MT
2
MT1
-8
-40 -20
-6
-4
0
2
4
6
8
10
12
14
Junction Temperature (TJ ) – ˚C
25 ˚C
0
20
40 60 80 100 120 140 160
V
BR vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
LED Interference Test Circuit
Notes:
1) Standard FR-4 PCB with Copper Pads (Recommended Size)
2) Aluminum PCB
Thickness: 1.6mm
Grade: 1-2 W/mK Thermal Conductivity
Trace thickness: 2 oz
Insulation layer thickness: 215 µm
Solder Pad Dimensions:
2.0mm x 2.8mm (Recommended Size)
3) Aluminum PCB
Thickness: 1.6mm
Grade: 1-2 W/mK Thermal Conductivity
Trace thickness: 2 oz
Insulation layer thickness: 60 µm
Solder Pad Dimensions:
1.27mm x 2.54mm (Recommended Size)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com