Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLED Datasheet(PDF) 4 Page - Littelfuse

Part # PLED
Description  Fast switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PLED Datasheet(HTML) 4 Page - Littelfuse

  PLED Datasheet HTML 1Page - Littelfuse PLED Datasheet HTML 2Page - Littelfuse PLED Datasheet HTML 3Page - Littelfuse PLED Datasheet HTML 4Page - Littelfuse PLED Datasheet HTML 5Page - Littelfuse PLED Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PLED Open LED Protectors
Revision: 09/25/15
©2015 Littelfuse, Inc.
Specifications are subject to change without notice.
PLED Unidirectional Series
Soldering Parameters
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (LiquidusTemp
(T
L) to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
30 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes max
Do not exceed
260°C
Physical Specifications
Environmental Specifications
HighTemperature
Voltage Blocking
MIL-STD-750: Method 1040, Condition A
80% min V
DRM (VAC-peak), 150°C,
504 hours
Temperature Cycling
MIL-STD-750: Method 1051
-65°C to 150°C, 15-minute dwell,
100 cycles
BiasedTemperature &
Humidity
EIA/JEDEC: JESD22-A101
52VDC, 85°C, 85%RH, 1008 hours
HighTemperature
Storage
MIL-STD-750: Method 1031
150°C, 1008 hours
LowTemperature
Storage
-65°C, 1008 hours
Thermal Shock
MIL-STD-750: Method 1056
0°C to 100°C, 5-minute dwell,
10-second transfer, 10 cycles
Resistance to
Solder Heat
MIL-STD-750: Method 2031
260°C, 10 seconds
Terminal Material
Copper Alloy
Terminal Finish
100% Matte Tin Plated
Body Material
UL recognized epoxy meeting flammability
classification 94V-0
Part Marking System
PLxU
XXXXX
Cathode Bar to
Indicate Diode Direction
DO-214AA
PLxU
XXXXX
QFN
Cathode Bar to
Indicate Diode Direction
Part Numbering System
PLED x
TYPE
PLED: LED Protector
V
6 Volts
9 Volts
13 Volts
18 Volts
35 Volts
PACKAGE TYPE
Q12: 3.0x3.0mm QFN
S: DO-214AA
DRM
U
Unidirectional
x



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com