Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-021L Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # ACPL-021L
Description  Low Power, 5-MBd Digital CMOS Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-021L Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button ACPL-021L Datasheet HTML 6Page - Broadcom Corporation. ACPL-021L Datasheet HTML 7Page - Broadcom Corporation. ACPL-021L Datasheet HTML 8Page - Broadcom Corporation. ACPL-021L Datasheet HTML 9Page - Broadcom Corporation. ACPL-021L Datasheet HTML 10Page - Broadcom Corporation. ACPL-021L Datasheet HTML 11Page - Broadcom Corporation. ACPL-021L Datasheet HTML 12Page - Broadcom Corporation. ACPL-021L Datasheet HTML 13Page - Broadcom Corporation. ACPL-021L Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Broadcom
- 10 -
ACPL-M21L, ACPL-021L, ACPL-024L, ACPL-W21L, ACPL-K24L
Data Sheet
Electrical Specifications (DC)
Over recommended temperature (TA = –40°C to +105°C) and supply voltage (2.7V ≤ VDD ≤ 5.5V). All typical specifications are at
VDD = 2.7V, TA = 25°C, unless otherwise specified.
Table 7 Electrical Specifications (DC)
Parameter
Symbol
Channel
Min.
Typ.
Max.
Units
Test Conditions
Input Forward Voltage
VF
1.5
2.0
V
IF = 2.2 mA (Figure 6 and
Figure 7)
Input Reverse Breakdown Voltage
BVR
811
V
IR = 10 μA
Logic High Output Voltage
VOH
VDD – 0.1
V
IF = 2.2 mA, IO = –20 μA
VDD – 1.0
V
IF = 2.2 mA, IO = –3.2 mA
(Figure 8)
Logic Low Output Voltage
VOL
0.001
0.1
V
IF = 0 mA, IO = 20 μA
0.15
0.4
V
IF = 0 mA, IO = 3.2 mA
(Figure 9)
Input Threshold Current
ITH
0.5
1.4
mA
Figure 10
Logic Low Output Supply Current
IDDL
Single
0.6
1.1
mA
VF = 0V, VDD = 5.5V,
IO = Open (Figure 11)
Dual
1.2
2.2
Logic High Output Supply Current
IDDH
Single
0.5
1.1
mA
IF = 2.2 mA, VDD = 5.5V,
IO = Open (Figure 12)
Dual
1.0
2.2
Input Capacitance
CIN
77
pF
f = 1 MHz, VF = 0V
Input Diode Temperature Coefficient
V
F/TA
–1.9
mV/°C
IF = 2.2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com