Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-021L Datasheet(PDF) 14 Page - Broadcom Corporation.

Part # ACPL-021L
Description  Low Power, 5-MBd Digital CMOS Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-021L Datasheet(HTML) 14 Page - Broadcom Corporation.

Back Button ACPL-021L Datasheet HTML 8Page - Broadcom Corporation. ACPL-021L Datasheet HTML 9Page - Broadcom Corporation. ACPL-021L Datasheet HTML 10Page - Broadcom Corporation. ACPL-021L Datasheet HTML 11Page - Broadcom Corporation. ACPL-021L Datasheet HTML 12Page - Broadcom Corporation. ACPL-021L Datasheet HTML 13Page - Broadcom Corporation. ACPL-021L Datasheet HTML 14Page - Broadcom Corporation. ACPL-021L Datasheet HTML 15Page - Broadcom Corporation. ACPL-021L Datasheet HTML 16Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Broadcom
- 14 -
ACPL-M21L, ACPL-021L, ACPL-024L, ACPL-W21L, ACPL-K24L
Data Sheet
Figure 17 Circuit for tPLH, tPHL, tr, tf
* 0.1 μF BYPASS — SEE NOTE 6 above.[6]
PULSE GEN
tr = tf = 11 ns
f = 1.0 MHz
50% DUTY
CYCLE
Vdd
*
OUTPUT VO
MONITORING
NODE
Rm
INPUT
MONITORING
NODE
CL = 15 pF
IF
PULSE GEN
tr = tf = 11 ns
f = 1.0 MHz
50% DUTY
CYCLE
Vdd
OUTPUT VO
MONITORING
NODE
Rm
INPUT
MONITORING
NODE
CL = 15 pF
IF
PULSE GEN
tr = tf = 11 ns
f = 1.0 MHz
50% DUTY
CYCLE
*
Vdd
OUTPUT VO
MONITORING
NODE
Rm
INPUT
MONITORING
NODE
CL = 15 pF
IF
ACPL-M21L
ACPL-021L
ACPL-024L/K24L
INPUT IF
OUTPUT VO
IF (ON)
0 mA
50% IF (ON)
VOH
VOL
50%
tPLH
tPHL
6
4
Shield
1
3
5
4
1
Shield
3
2
5
8
6
7
2
3
8
5
6
Shield
1
4
7
*
PULSE GEN
tr = tf = 11 ns
f = 1.0 MHz
50% DUTY
CYCLE
Vdd
*
OUTPUT VO
MONITORING
NODE
Rm
INPUT
MONITORING
NODE
CL = 15 pF
IF
ACPL-W21L
6
4
Shield
1
3
5
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com