Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-024L Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # ACPL-024L
Description  Low Power, 5-MBd Digital CMOS Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-024L Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button ACPL-024L Datasheet HTML 2Page - Broadcom Corporation. ACPL-024L Datasheet HTML 3Page - Broadcom Corporation. ACPL-024L Datasheet HTML 4Page - Broadcom Corporation. ACPL-024L Datasheet HTML 5Page - Broadcom Corporation. ACPL-024L Datasheet HTML 6Page - Broadcom Corporation. ACPL-024L Datasheet HTML 7Page - Broadcom Corporation. ACPL-024L Datasheet HTML 8Page - Broadcom Corporation. ACPL-024L Datasheet HTML 9Page - Broadcom Corporation. ACPL-024L Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Broadcom
- 6 -
ACPL-M21L, ACPL-021L, ACPL-024L, ACPL-W21L, ACPL-K24L
Data Sheet
Figure 4 ACPL-W21L Stretched SO-6 Package
4.834 ±0.254
(0.190 ±0.010)
45°
0.381 ±0.127
(0.015 ±0.005)
1.27 (0.050) BSG
0.20 ±0.10
(0.008 ±0.004)
0.45 (0.018)
0.750 ±0.250
(0.0295 ±0.010)
11.50 ±0.250
(0.453 ±0.010)
6.807
0.268
Dimensions in Millimeters (Inches).
Lead coplanarity = 0.1 mm (0.004 inches).
7°
12.65 (0.498)
LAND PATTERN RECOMMENDATION
3.180 ±0.127
(0.125 ±0.005)
1.590 ±0.127
(0.063 ±0.005)
7°
1.91 (0.075)
3
2
1
4
5
6
0.76 (0.030)
+0.127
0
+0.005
–0.000
)
(
PART NUMBER
DATE CODE
ROHS-COMPLIANCE
INDICATOR
NNNN
YYWW
EEE
Lot ID
TOTAL PACKAGE WIDTH
(INCLUSIVE OF MOLD FLASH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com