Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-024L Datasheet(PDF) 11 Page - Broadcom Corporation.

Part # ACPL-024L
Description  Low Power, 5-MBd Digital CMOS Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-024L Datasheet(HTML) 11 Page - Broadcom Corporation.

Back Button ACPL-024L Datasheet HTML 7Page - Broadcom Corporation. ACPL-024L Datasheet HTML 8Page - Broadcom Corporation. ACPL-024L Datasheet HTML 9Page - Broadcom Corporation. ACPL-024L Datasheet HTML 10Page - Broadcom Corporation. ACPL-024L Datasheet HTML 11Page - Broadcom Corporation. ACPL-024L Datasheet HTML 12Page - Broadcom Corporation. ACPL-024L Datasheet HTML 13Page - Broadcom Corporation. ACPL-024L Datasheet HTML 14Page - Broadcom Corporation. ACPL-024L Datasheet HTML 15Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Broadcom
- 11 -
ACPL-M21L, ACPL-021L, ACPL-024L, ACPL-W21L, ACPL-K24L
Data Sheet
Switching Specifications (AC)
Over recommended temperature (TA = –40°C to +105°C), supply voltage (2.7V ≤ VDD ≤ 5.5V). All typical specifications are at
VDD = 2.7V, TA = 25°C.
NOTE
Use of a 0.1 μF bypass capacitor connected between VDD and ground is recommended.
Package Characteristics
All typical at TA = 25°C.
Table 8 Switching Specifications (AC)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Propagation Delay Time to Logic Low
Outputa
a.
tPHL propagation delay is measured from the 50% (Vin or IF) on the falling edge of the input pulse to the 50% VDD of the falling edge of the VO signal. tPLH
propagation delay is measured from the 50% (Vin or IF) on the rising edge of the input pulse to the 50% level of the rising edge of the VO signal.
tPHL
130
250
ns
IF=2.2 mA, CL=15 pF (Figure 13,
Figure 17), CMOS Signal Levels
Propagation Delay Time to Logic
High Outputa
tPLH
115
250
ns
IF=2.2 mA, CL=15 pF (Figure 14,
Figure 17), CMOS Signal Levels
Pulse Width Distortionb
b.
PWD is defined as |tPHL – tPLH|.
PWD
200
ns
CMOS Signal Levels
Propagation Delay Skewc
c.
tPSK is equal to the magnitude of the worst case difference in tPHL and/or tPLH that will be seen between units at any given temperature within the
recommended operating conditions.
tPSK
220
ns
Output Rise Time (10% to 90%)
tR
11
ns
IF = 2.2 mA, CL= 15 pF,
CMOS Signal Levels.
Output Fall Time (90% to 10%)
tF
11
ns
IF = 2.2 mA, CL= 15 pF,
CMOS Signal Levels.
Static Common Mode Transient
Immunity at Logic High Outputd
d.
CMH is the maximum tolerable rate of rise of the common mode voltage to assure that the output will remain in a high logic state.
|CMH|25
40
kV/μs
VCM = 1000V, TA = 25°C, IF = 2.2 mA,
CL= 15 pF, VI = 5V, (RT = 1.6 k) or
VI = 3.3V, (RT = 840 ),
CMOS Signal Levels, Figure 18
Static Common Mode Transient
Immunity at Logic Low Outpute
e.
CML is the maximum tolerable rate of rise of the common mode voltage to assure that the output will remain in a low logic state.
|CML|25
40
kV/μs
VCM = 1000V, TA = 25°C, IF = 0 mA,
CL= 15 pF, VI = 0V, (RT = 1.6 k) or
(RT = 840), CMOS Signal Levels,
Figure 18
Table 9 Package Characteristics
Parameter
Symbol
Part Number
Min.
Typ.
Max.
Units
Test Conditions
Input-Output Insulation
VISO
ACPL-M21L/024L/021L 3750
Vrms
RH < 50% for 1 min., TA = 25°C
ACPL-W21L/K24L
5000
Input-Output Resistance
RI-O
1012
VI-O = 500 V
Input-Output Capacitance
CI-O
0.6
pF
f = 1 MHz, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com