Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DOC4106 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # DOC4106
Description  Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

DOC4106 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button DOC4106 Datasheet HTML 13Page - ATMEL Corporation DOC4106 Datasheet HTML 14Page - ATMEL Corporation DOC4106 Datasheet HTML 15Page - ATMEL Corporation DOC4106 Datasheet HTML 16Page - ATMEL Corporation DOC4106 Datasheet HTML 17Page - ATMEL Corporation DOC4106 Datasheet HTML 18Page - ATMEL Corporation DOC4106 Datasheet HTML 19Page - ATMEL Corporation DOC4106 Datasheet HTML 20Page - ATMEL Corporation DOC4106 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
17
AT8xC51SND1C
4106F–8051–10/02
TH1
8Dh
Timer/Counter 1
High Byte
–––
WDTRST
A6h
WatchDog Timer
Reset
–––
WDTPRG
A7h
WatchDog Timer
Program
WTO2
WTO1
WTO0
Table 22. Timer SFRs (Continued)
Mnemonic
Add
Name
7
6
5
4
32
10
Table 23. MP3 Decoder SFRs
Mnemonic
Add
Name
7
6
5
4
32
10
MP3CON
AAh
MP3 Control
MPEN
MPBBST
CRCEN
MSKANC
MSKREQ
MSKLAY
MSKSYN
MSKCRC
MP3STA
C8h
MP3 Status
MPANC
MPREQ
ERRLAY
ERRSYN
ERRCRC
MPFS1
MPFS0
MPVER
MP3STA1
AFh
MP3 Status 1
MPFREQ
MPBREQ
MP3DAT
ACh
MP3 Data
MPD7
MPD6
MPD5
MPD4
MPD3
MPD2
MPD1
MPD0
MP3ANC
ADh
MP3 Ancillary Data
AND7
AND6
AND5
AND4
AND3
AND2
AND1
AND0
MP3VOL
9Eh
MP3 Audio Volume
Control Left
VOL4
VOL3
VOL2
VOL1
VOL0
MP3VOR
9Fh
MP3 Audio Volume
Control Right
VOR4
VOR3
VOR2
VOR1
VOR0
MP3BAS
B4h
MP3 Audio Bass
Control
BAS4
BAS3
BAS2
BAS1
BAS0
MP3MED
B5h
MP3 Audio Medium
Control
MED4
MED3
MED2
MED1
MED0
MP3TRE
B6h
MP3 Audio Treble
Control
TRE4
TRE3
TRE2
TRE1
TRE0
MP3CLK
EBh
MP3 Clock Divider
MPCD4
MPCD3
MPCD2
MPCD1
MPCD0
Table 24. Audio Interface SFRs
Mnemonic
Add
Name
7
6
5
4
32
10
AUDCON0
9Ah
Audio Control 0
JUST4
JUST3
JUST2
JUST1
JUST0
POL
DSIZ
HLR
AUDCON1
9Bh
Audio Control 1
SRC
DRQEN
MSREQ
MUDRN
DUP1
DUP0
AUDEN
AUDSTA
9Ch
Audio Status
SREQ
UDRN
AUBUSY
AUDDAT
9Dh
Audio Data
AUD7
AUD6
AUD5
AUD4
AUD3
AUD2
AUD1
AUD0
AUDCLK
ECh
Audio Clock Divider
AUCD4
AUCD3
AUCD2
AUCD1
AUCD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com