Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DOC4106 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # DOC4106
Description  Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

DOC4106 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button DOC4106 Datasheet HTML 24Page - ATMEL Corporation DOC4106 Datasheet HTML 25Page - ATMEL Corporation DOC4106 Datasheet HTML 26Page - ATMEL Corporation DOC4106 Datasheet HTML 27Page - ATMEL Corporation DOC4106 Datasheet HTML 28Page - ATMEL Corporation DOC4106 Datasheet HTML 29Page - ATMEL Corporation DOC4106 Datasheet HTML 30Page - ATMEL Corporation DOC4106 Datasheet HTML 31Page - ATMEL Corporation DOC4106 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
28
AT8xC51SND1C
4106F–8051–10/02
Phase Lock Loop
Schematic
Figure 13. PLL Filter Connection
Parameters
Table 37. PLL Filter Characteristics
VDD =2.7 to 3.3V , TA =-40° to +85°C
In-System Programming
Schematic
Figure 14. ISP Pull-down Connection
Parameters
Table 38. ISP Pull-Down Characteristics V
DD = 2.7 to 3.3V , TA =-40° to +85°C
VSS
PFILT
R
C1
C2
VSS
Symbol
Parameter
Min
Typ
Max
Unit
R
Filter Resistor
100
Ω
C1
Filter Capacitance 1
10
nF
C2
Filter Capacitance 2
2.2
nF
VSS
ISP
RISP
Symbol
Parameter
Min
Typ
Max
Unit
RISP
ISP Pull-down Resistor
2.2
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com