Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1923 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1923
Description  Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1923 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1923 Datasheet HTML 1Page - Dallas Semiconductor DS1923 Datasheet HTML 2Page - Dallas Semiconductor DS1923 Datasheet HTML 3Page - Dallas Semiconductor DS1923 Datasheet HTML 4Page - Dallas Semiconductor DS1923 Datasheet HTML 5Page - Dallas Semiconductor DS1923 Datasheet HTML 6Page - Dallas Semiconductor DS1923 Datasheet HTML 7Page - Dallas Semiconductor DS1923 Datasheet HTML 8Page - Dallas Semiconductor DS1923 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
DS1923: Hygrochron Temperature/Humidity Logger iButton with 8kB Data log Memory
2 of 52
DS1923 ABSOLUTE MAXIMUM RATINGS
IO Voltage to GND
-0.3V, +6V
IO Sink current
20mA
Operating Temperature and Humidity Range
-20°C to +85°C, 0%RH to 100%RH
(See Safe Operating Range Chart)
Storage Temperature and Humidity Range
-40°C to +85°C, 0%RH to 100%RH
(See Safe Operating Range Chart)
This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
DS1923 ELECTRICAL CHARACTERISTICS
(VPUP = 3.0V to 5.25V, TA = -20°C to +85°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IO Pin General Data
1-Wire Pullup
Resistance
RPUP
(Notes 1, 2)
2.2
k
W
Input Capacitance
CIO
(Note 3)
100
800
pF
Input Load Current
IL
IO pin at VPUP
6
10
µA
High-to-Low Switching
Threshold
VTL
(Notes 4. 5)
0.4
3.2
V
Input Low Voltage
VIL
(Notes 1, 6)
0.3
V
Low-to-High Switching
Threshold
VTH
(Notes 4, 7)
0.7
3.4
V
Switching Hysteresis
VHY
(Note 8)
0.09
N/A
V
Output Low Voltage
VOL
At 4mA (Note 9)
0.4
V
Standard speed, RPUP = 2.2k
W
5
Overdrive speed, RPUP = 2.2k
W
2
Recovery Time
(Note 1)
tREC
Overdrive speed, directly prior to
reset pulse; RPUP = 2.2k
W
5
µs
Rising-Edge Hold-off
Time
tREH
(Note 10)
0.6
2.0
µs
Standard speed
65
Overdrive speed, VPUP > 4.5V
8
Timeslot Duration
(Note 1)
tSLOT
Overdrive speed (Note 11)
9.5
µs
IO Pin, 1-Wire Reset, Presence Detect Cycle
Standard speed, VPUP > 4.5V
480
720
Standard speed (Note 11)
690
720
Overdrive speed, VPUP > 4.5V
48
80
Reset Low Time
(Note 1)
tRSTL
Overdrive speed (Note 11)
70
80
µs
Standard speed, VPUP > 4.5V
15
60
Standard speed (Note 11)
15
63.5
Presence-Detect High
Time
tPDH
Overdrive speed (Note 11)
2
7
µs
Standard speed, VPUP > 4.5V
1.5
5
Standard speed
1.5
8
Presence-Detect Fall
Time
(Note 12)
tFPD
Overdrive speed
0.15
1
µs
Standard speed, VPUP > 4.5V
60
240
Standard speed (Note 11)
60
287
Overdrive speed, VPUP > 4.5V
(Note 11)
7
24
Presence-Detect Low
Time
tPDL
Overdrive speed (Note 11)
7
28
µs
Standard speed, VPUP > 4.5V
65
75
Standard speed
71.5
75
Presence-Detect
Sample Time
(Note 1)
tMSP
Overdrive speed
8
9
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com