Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECH8604 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ECH8604
Description  N CHANNEL MOS SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8604 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ECH8604 Datasheet HTML 1Page - Sanyo Semicon Device ECH8604 Datasheet HTML 2Page - Sanyo Semicon Device ECH8604 Datasheet HTML 3Page - Sanyo Semicon Device ECH8604 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ECH8604
No.7289-3/4
010
25
20
515
0
9
10
6
8
7
4
5
2
1
3
総ゲート電荷量, Qg -- nC
VGS -- Qg
IT04393
A S O
ドレイン・ソース電圧, VDS -- V
100
10
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
1.0
0.1
0.01
1.0
23
5 7
10
0.01
0.1
23
5 7
23
5 7
2
3
IT04394
0.1
1.0
10
1.0
7
5
3
7
5
2
5
3
2
10
7
5
3
27
5
3
22
ドレイン電流, ID -- A
yfs -- ID
IT04389
VDS=10V
0.1
1.0
10
23
5
7
23
5
7
7
100
10
7
5
3
2
5
3
2
ドレイン電流, ID -- A
SW Time -- ID
IT04391
Ciss, Coss, Crss -- VDS
IT04390
0.001
0.01
0.1
10
1.0
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
3
2
ダイオード順電圧, VSD -- V
IF -- VSD
02468
10
12
14
16
18
20
100
1000
7
5
3
7
5
2
3
2
ドレイン・ソース電圧, VDS -- V
IT04392
75°
C
25°
C
Ta=
--25
°C
VGS=0
0.2
0.4
0.6
0.8
1.2
1.1
1.0
0.3
0.5
0.7
0.9
f=1MHz
Ciss
Crss
Coss
VDD=10V
VGS=4V
td(on)
td(off)
t r
IDP=40A
ID=6A
100ms
DC
operation
1ms
10ms
<10
µs
Ta=25
°C
1パルス
セラミック基板(900mm2×0.8mm)装着時
Operation in this
area is limited by RDS(on).
VDS=10V
ID=6A
0
0
20
40
0.6
1.0
1.4
1.8
0.4
0.2
0.8
1.2
1.5
1.3
1.6
60
80
100
120
140
160
周囲温度, Ta --
°C
PD -- Ta
IT04395
セラミック基板(900mm2×0.8mm)装着時
全損失
1unit
tf



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com