Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECG050C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ECG050C
Description  InGaP HBT Gain Block
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ECG050C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ECG050C Datasheet HTML 1Page - List of Unclassifed Manufacturers ECG050C Datasheet HTML 2Page - List of Unclassifed Manufacturers ECG050C Datasheet HTML 3Page - List of Unclassifed Manufacturers ECG050C Datasheet HTML 4Page - List of Unclassifed Manufacturers ECG050C Datasheet HTML 5Page - List of Unclassifed Manufacturers ECG050C Datasheet HTML 6Page - List of Unclassifed Manufacturers ECG050C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
December 2004
ECG050
InGaP HBT Gain Block
Product Information
The Communications Edge TM
Product Features
x DC – 4 GHz
x +19 dBm P1dB at 1 GHz
x +34 dBm OIP3 at 1 GHz
x 19 dB Gain at 1 GHz
x 5.5 dB Noise Figure at 2 GHz
x Available in SOT-86, SOT-
89 and lead-free / green SOT-
89 Package Styles
x Internally matched to 50 :
Applications
x Mobile Infrastructure
x CATV / DBS
x W-LAN / ISM
x RFID
x Defense / Homeland Security
x Fixed Wireless
Product Description
The ECG050 is a general-purpose buffer amplifier that
offers high dynamic range in a low-cost surface-mount
package. At 1000 MHz, the ECG050 typically provides 19
dB of gain, +34 dBm Output IP3, and +19 dBm P1dB.
The ECG050 consists of Darlington pair amplifiers using
the high reliability InGaP/GaAs HBT process technology
and only requires DC-blocking capacitors, a bias resistor,
and an inductive RF choke for operation. The device is
ideal for wireless applications and is available in low-cost,
surface-mountable plastic SOT-86 and SOT-89 packages.
The ECG050 is also available in a lead-free/green/RoHS-
compliant SOT-89 package. All devices are 100% RF and
DC tested.
The broadband MMIC amplifier can be directly applied to
various current and next generation wireless technologies
such as GPRS, GSM, CDMA, and W-CDMA. In addition,
the ECG050 will work for other various applications within
the DC to 4 GHz frequency range such as CATV and fixed
wireless.
Functional Diagram
RF IN
GND
RF OUT
GND
1
2
3
4
ECG050B / ECG050B-G
RF Out
RF In
GND
GND
1
2
3
4
ECG050C
Specifications (1)
Parameter
Units
Min
Typ
Max
Operational Bandwidth
MHz
DC
4000
Test Frequency
MHz
1000
Gain
dB
19
Output P1dB
dBm
+19
Output IP3 (2)
dBm
+34
Test Frequency
MHz
2000
Gain
dB
17
Input Return Loss
dB
19
Output Return Loss
dB
15
Output P1dB
dBm
+18.5
Output IP3 (2)
dBm
+31
Noise Figure
dB
5.4
Device Voltage
V
4.2
5.0
5.2
Device Current
mA
70
1. Test conditions unless otherwise noted: 25º C, Supply Voltage = +6 V, Rbias = 14 , 50
System.
2. 3OIP measured with two tones at an output power of +4 dBm/tone separated by 1 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85
qC
Storage Temperature
-65 to +150
qC
RF Input Power (continuous)
+12 dBm
Device Current
150 mA
Junction Temperature
+250
qC
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance (3)
Parameter
Units
Typical
Frequency
MHz
500
900
1900
2140
S21
dB
20
19.2
17
16
S11
dB
-17
-18
-19
-20
S22
dB
-15
-15
-15
-15
Output P1dB
dBm
+18
+19
+18.5
+18.2
Output IP3
dBm
+33
+34
+31
+30.5
Noise Figure
dB
3.5
4
5.4
3.8
3. Test conditions: T = 25º C, Supply Voltage = +6 V, Device Voltage = +5.0V, Rbias = 14 , 50 System.
Ordering Information
Part No.
Description
ECG050B
InGaP HBT Gain Block
(leaded SOT-89 Pkg)
ECG050B-G
InGaP HBT Gain Block
(lead-free/green/RoHS-compliant SOT-89 Pkg)
ECG050C
InGaP HBT Gain Block (SOT-86 Pkg)
ECG050B-PCB
700 –2400 MHz Fully Assembled Eval. Board
ECG050C-PCB
700 –2400 MHz Fully Assembled Eval. Board


Similar Part No. - ECG050C

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECG055 WJCI-ECG055 Datasheet
311Kb / 7P
The Communications Edge
ECG055B WJCI-ECG055B Datasheet
311Kb / 7P
The Communications Edge
ECG055B WJCI-ECG055B Datasheet
165Kb / 4P
InGaP HBT Gain Block
ECG055B-G WJCI-ECG055B-G Datasheet
311Kb / 7P
The Communications Edge
ECG055B-G WJCI-ECG055B-G Datasheet
165Kb / 4P
InGaP HBT Gain Block
More results

Similar Description - ECG050C

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
InGaP HBT Gain Block
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
InGaP HBT Gain Block
ECG004 WJCI-ECG004 Datasheet
125Kb / 4P
InGaP HBT Gain Block
AG402-89-RFID WJCI-AG402-89-RFID Datasheet
506Kb / 6P
InGaP HBT Gain Block
AG503-86-RFID WJCI-AG503-86-RFID Datasheet
486Kb / 6P
InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
InGaP HBT Gain Block
AG604-86-RFID WJCI-AG604-86-RFID Datasheet
179Kb / 5P
InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com