Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECG050C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ECG050C
Description  InGaP HBT Gain Block
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ECG050C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ECG050C Datasheet HTML 1Page - List of Unclassifed Manufacturers ECG050C Datasheet HTML 2Page - List of Unclassifed Manufacturers ECG050C Datasheet HTML 3Page - List of Unclassifed Manufacturers ECG050C Datasheet HTML 4Page - List of Unclassifed Manufacturers ECG050C Datasheet HTML 5Page - List of Unclassifed Manufacturers ECG050C Datasheet HTML 6Page - List of Unclassifed Manufacturers ECG050C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
December 2004
ECG050
InGaP HBT Gain Block
Product Information
The Communications Edge TM
Typical Device RF Performance
Supply Bias = +6 V, Rbias = 14 :, Icc = 70 mA
Frequency
MHz
100
500
900
1900
2140
2400
3500
5800
S21
dB
20.4
20
19.2
17.2
16.7
16.1
14.2
10.3
S11
dB
-17
-17
-18
-19
-20
-20
-19
-11
S22
dB
-15
-15
-15
-15
-15
-15
-14
-7.5
Output P1dB
dBm
+18
+18
+19
+18.7
+18.2
+17.8
+12.2
Output IP3
dBm
+33
+33
+34
+31
+30.5
+29
Noise Figure
dB
3.4
3.5
4
5.4
5.8
6
1. Test conditions: T = 25º C, Supply Voltage = +6 V, Device Voltage = 5.0 V, Rbias = 14 , Icc = 70 mA typical, 50
System.
2. 3OIP measured with two tones at an output power of +4 dBm/tone separated by 1 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. Data is shown as device performance only. Actual implementation for the desired frequency band will be determined by external components shown in the application circuit.
Gainvs. Frequency
10
12
14
16
18
20
22
0
1
2
3
4
5
6
Frequency(GHz)
S11, S22vs. Frequency
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
Frequency(GHz)
S22
S11
Iccvs. Vde
0
40
80
120
160
200
0
1
2
3
4
5
6
Vde(V)
25°C
OIP3vs. Frequency
20
25
30
35
40
500
1000
1500
2000
2500
3000
Frequency(MHz)
25°C
85°C
-40°C
NoiseFigurevs. Frequency
0
2
4
6
500
1000
1500
2000
Frequency(MHz)
P1dBvs. Frequency
10
14
18
22
26
500
1000
1500
2000
2500
3000
Frequency(MHz)
25°C
85°C
-40°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com