Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6517 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM6517 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
MFP version of EM6617
Ultra Low Power Microcontroller with ADC and EEPROM
Features
• Low Power
- 9 µA active mode, ADC off
- 15 µA active mode, ADC on
- 1.3 µA standby mode
- 0.1µA sleep mode
@ 3.0V, 32kHz, 25°C
• Voltage range logic incl. EEPROM 2.0 to 5.5 V
• Voltage range for the ADC is 2.6 to 5.5 V
• 2 clocks per instruction cycle
• 72 basic instructions
• EEPROM 3072 × 16 bit (program memory)
• RAM
128
× 4 bit
• EEPROM 64
× 8 bit (peripheral memory)
• Voltage Level Detector, 3 levels software
selectable : 2.2, 2.5, 3.0 V
• 2 channel ADC, successive approximation method;
conversion time at 32 kHz : 305µs
• Max. 12 inputs (3 ports); port A, port B, port C
• Max. 8 outputs (2 ports); port B, port C
• Serial Write Buffer, 256 bit wide , 4 bit rates
• Oscillation supervisor and timer watchdog
• Universal 10-bit counter, PWM, event counter
• 8 internal interrupt sources (2 × timer , 2 ×
prescaler, ADC, VLD, FIFO, EEPROM)
• 4 external interrupt sources (input port A )
• Frequency output; 32kHz, 2kHz, 1kHz, PWM
Description
The EM6517 is an advanced single chip CMOS 4-bit
microcontroller. It contains ROM, RAM, power on
reset, watchdog timer, oscillation detection circuit,
combined timer, event counter, prescaler, E
2PROM, 2
channel ADC, serial write buffer, voltage level detector
and several clock functions. The low voltage feature
and low power consumption make it the most suitable
controller for battery, stand alone and mobile
equipment. The EM6517 is manufactured using EM
Microelectronic’s advanced low power (ALP) CMOS
Process.
Typical Applications
• Sensor & detector interface
• Heat meter interface
• Security systems
• Household equipment controls
• Automotive controls
• Measurement equipment
• R/F and IR. control
• Voltage control
Figure 1. Architecture
Figure 2. Pin Configuration
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM6517

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6517 EMMICRO-EM6517 Datasheet
274Kb / 28P
Mask Rom
EM6517 EMMICRO-EM6517 Datasheet
979Kb / 9P
This board contains the different MFP?셲
More results

Similar Description - EM6517

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6520 EMMICRO-EM6520 Datasheet
685Kb / 55P
MFP version of EM6620 Ultra Low Power Microcontroller 4x8 LCD Driver
EM6522 EMMICRO-EM6522 Datasheet
1Mb / 68P
MFP version of EM6622 Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6617 EMMICRO-EM6617 Datasheet
694Kb / 65P
Ultra Low Power Microcontroller with ADC AND EEPROM
EM6640 EMMICRO-EM6640 Datasheet
610Kb / 62P
Low Power Microcontroller with EEPROM AND RC Oscillator
logo
ATMEL Corporation
AT43USB353M ATMEL-AT43USB353M_03 Datasheet
59Kb / 5P
Low Cost USB Microcontroller with Hub, ADC and PWM
logo
ON Semiconductor
AX8052F100 ONSEMI-AX8052F100 Datasheet
737Kb / 24P
Ultra-Low Power Microcontroller
Revision 2
AX-SIGFOX ONSEMI-AX-SIGFOX Datasheet
388Kb / 30P
Ultra-Low Power Microcontroller
Revision 2
logo
Texas Instruments
ADS4122 TI1-ADS4122_16 Datasheet
3Mb / 74P
Ultra Low-Power ADC
logo
ON Semiconductor
AX8052F100 ONSEMI-AX8052F100_16 Datasheet
283Kb / 22P
Ultra-Low Power Microcontroller
May, 2016 ??Rev. 3
AX8052F100 ONSEMI-AX8052F100_18 Datasheet
224Kb / 22P
Ultra-Low Power Microcontroller
May, 2018 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com