Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6517 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EM6517 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
3
www.emmicroelectronic.com
Table of Contents
FEATURES
1
DESCRIPTION
1
TYPICAL APPLICATIONS
1
EM6517 AT A GLANCE
2
1
Pin Description for EM6517
4
2
Typical configurations
5
3
Operating Modes
6
3.1
Active Mode
6
3.2
Standby Mode
6
3.3
Sleep Mode
6
4
Power Supply
7
5
Reset
8
5.1
Oscillation Detection Circuit
8
5.2
Reset Terminal
9
5.3
Input Port A Reset Function
9
5.3.1
AND-Type Reset function
9
5.3.2
OR -Type Reset function
10
5.4
Digital Watchdog Timer Reset
10
5.5
CPU State after Reset
11
6
Oscillator and Prescaler
12
6.1
Oscillator
12
6.2
Prescaler
12
7
Input and Output ports
13
7.1
Ports overview
13
7.2
Port A
14
7.2.1
IRQ on Port A
14
7.2.2
Pull-up or Pull-down
15
7.2.3
Software Test Variables
15
7.2.4
Port A for 10-Bit Counter
15
7.3
Port A registers
15
7.4
Port B
17
7.4.1
Input / Output Mode
17
7.4.2
Pull-up or Pull-down
17
7.4.3
CMOS or Nch. Output
18
7.4.4
PWM and Frequency Output
19
7.5
Port B registers
19
7.6
Port C
20
7.6.1
Pull-up or Pull-down
20
7.6.2
CMOS or Nch. Output
21
7.7
Port C Registers
22
8
10-bit Counter
23
8.1
Full and Limited Bit Counting
23
8.2
Frequency Select and Up/Down Counting
24
8.3
Event Counting
25
8.4
Compare Function
25
8.5
Pulse Width Modulation (PWM)
25
8.5.1
How the PWM Generator works.
26
8.5.2
PWM Characteristics
26
8.6
Counter Setup
27
8.7
10-bit Counter Registers
27
9
Serial (Output) Write Buffer - SWB
29
9.1
SWB Automatic send mode
29
9.2
SWB Interactive send mode
31
9.3
SWB registers
32
10
2-Channel ADC (8-bit digital converter)
33
10.1
Continuous mode
34
10.2
Single mode
34
10.3
2-Channel ADC registers
35
11
EEPROM ( 64
×××× 8 Bit )
36
11.1
EEPROM registers
37
12
Supply Voltage Level Detector
38
12.1
SVLD Register
38
13
Interrupt Controller
39
13.1
Interrupt control registers
40
14
RAM
40
15
Strobe Output
42
15.1
Strobe register
42
16
PERIPHERAL MEMORY MAP
43
17
Option Register Memory Map
46
18
Active Supply Current Test
47
19
Mask Options
48
19.1
Input / Output Ports
48
19.1.1
Port A Metal Options
48
19.1.2
Port B Metal Options
49
19.1.3
Port C Metal Options
50
19.1.4
SWB high impedance state
51
19.1.5
Debouncer Frequency Option
51
19.1.6
System Frequency
51
19.1.7
Additional mask options
51
20
Temp. and Voltage Behavior
52
20.1
I(VDD) Current
52
20.2
IOL, IOH
53
20.3
Pull-up, Pull-down
54
20.4
Vreg, EEPROM
54
20.5
ADC8
55
21
Electrical Specification
57
21.1
Absolute Maximum Ratings
57
21.2
Handling Procedures
57
21.3
Standard Operating Conditions
57
21.4
DC Characteristics - Power Supply
58
21.5
Oscillator
58
21.6
DC characteristics - I/O Pins
59
21.7
Supply Voltage Level Detector
60
21.8
ADC 8 Bit
60
21.9
EEPROM
60
22
Pad Location Diagram
62
23
Package & Ordering information
63
23.1
Ordering Information
63
EM Microelectronic-Marin SA cannot assume responsibility for use of any circuitry described other than
circuitry entirely embodied in an EM Microelectronic-Marin SA product. EM Microelectronic-Marin SA reserves
the right to change the circuitry and specifications without notice at any time. You are strongly urged to ensure
that the information given has not been superseded by a more up-to-date version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com