Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FESE8XT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FESE8XT
Description  Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FESE8XT Datasheet(HTML) 1 Page - Vishay Siliconix

  FESE8XT Datasheet HTML 1Page - Vishay Siliconix FESE8XT Datasheet HTML 2Page - Vishay Siliconix FESE8XT Datasheet HTML 3Page - Vishay Siliconix FESE8XT Datasheet HTML 4Page - Vishay Siliconix FESE8XT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FESE8xT
www.vishay.com
Vishay General Semiconductor
Revision: 23-Feb-16
1
Document Number: 87916
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultrafast Plastic Rectifier
FEATURES
• Power pack
• Glass passivated pellet chip junction
• Ultrafast recovery time
• Low switching losses, high efficiency
• Low leakage current
• High forward surge capability
• Solder dip 275 °C max., 10 s per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode power
supplies, inverters, freewheeling diodes, DC/DC converters,
and other power switching application.
MECHANICAL DATA
Case: TO-220AC
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs max.
PRIMARY CHARACTERISTICS
IF(AV)
8.0 A
VRRM
50 V to 600 V
IFSM
125 A
trr
35 ns, 50 ns
VF
0.95 V, 1.30 V, 1.50 V
TJ max.
150 °C
Package
TO-220AC
Diode variations
Single die
CASE
PIN 2
PIN 1
FESE8xT
TO-220AC
1
2
1
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL FESE8AT FESE8BT FESE8CT FESE8DT FESE8FT FESE8GT FESE8HT FESE8JT UNIT
Max. repetitive peak reverse
voltage
VRRM
50
100
150
200
300
400
500
600
V
Max. RMS voltage
VRMS
35
70
105
140
210
280
350
420
V
Max. DC blocking voltage
VDC
50
100
150
200
300
400
500
600
V
Max. average forward
rectified current at TC = 100 °C
IF(AV)
8.0
A
Peak forward surge current
8.3 ms single half sine-wave
superimposed on rated load
IFSM
125
A
Operating storage and
temperature range
TJ, TSTG
-55 to +150
°C


Similar Part No. - FESE8XT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FESE8AT VISHAY-FESE8AT Datasheet
80Kb / 4P
Ultrafast Rectifier
30-Jan-13
FESE8GT VISHAY-FESE8GT Datasheet
80Kb / 4P
Ultrafast Rectifier
30-Jan-13
More results

Similar Description - FESE8XT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
31GF4 VISHAY-31GF4 Datasheet
93Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR140 VISHAY-MUR140 Datasheet
95Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR420 VISHAY-MUR420 Datasheet
93Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR440 VISHAY-MUR440 Datasheet
94Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
31GF4 VISHAY-31GF4_09 Datasheet
67Kb / 4P
Ultrafast Plastic Rectifier
23-Oct-09
UG2F VISHAY-UG2F Datasheet
73Kb / 4P
Ultrafast Plastic Rectifier
23-Oct-09
logo
Sangdest Microelectroni...
ER3JA SMC-ER3JA Datasheet
219Kb / 6P
ULTRAFAST PLASTIC RECTIFIER
MUR530AX SMC-MUR530AX Datasheet
166Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
MUR860 SMC-MUR860 Datasheet
207Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
MUR860AX SMC-MUR860AX Datasheet
166Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com