Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FESE16XT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FESE16XT
Description  Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FESE16XT Datasheet(HTML) 1 Page - Vishay Siliconix

  FESE16XT Datasheet HTML 1Page - Vishay Siliconix FESE16XT Datasheet HTML 2Page - Vishay Siliconix FESE16XT Datasheet HTML 3Page - Vishay Siliconix FESE16XT Datasheet HTML 4Page - Vishay Siliconix FESE16XT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FESE16xT
www.vishay.com
Vishay General Semiconductor
Revision: 23-Feb-16
1
Document Number: 87918
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultrafast Plastic Rectifier
FEATURES
• Power pack
• Glass passivated pellet chip junction
• Ultrafast recovery time
• Low switching losses, high efficiency
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode
power supplies, inverters, freewheeling diodes, DC/DC
converters, and other power switching application.
MECHANICAL DATA
Case: TO-220AC
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs max.
PRIMARY CHARACTERISTICS
IF(AV)
16 A
VRRM
50 V to 600 V
IFSM
250 A
trr
35 ns, 50 ns
VF
0.975 V, 1.30 V, 1.50 V
TJ max.
150 °C
Package
TO-220AC
Diode variations
Single die
CASE
PIN 2
PIN 1
FESE16xT
TO-220AC
1
2
1
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
FESE
16AT
FESE
16BT
FESE
16CT
FESE
16DT
FESE
16FT
FESE
16GT
FESE
16HT
FESE
16JT
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum average forward
rectified current at TC = 100 °C
IF(AV)
16
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
250
A
Operating storage and temperature range
TJ, TSTG
-65 to +150
°C


Similar Part No. - FESE16XT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FESE16AT VISHAY-FESE16AT Datasheet
76Kb / 4P
Ultrafast Rectifier
01-Feb-13
FESE16GT VISHAY-FESE16GT Datasheet
76Kb / 4P
Ultrafast Rectifier
01-Feb-13
More results

Similar Description - FESE16XT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
31GF4 VISHAY-31GF4 Datasheet
93Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR140 VISHAY-MUR140 Datasheet
95Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR420 VISHAY-MUR420 Datasheet
93Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR440 VISHAY-MUR440 Datasheet
94Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
31GF4 VISHAY-31GF4_09 Datasheet
67Kb / 4P
Ultrafast Plastic Rectifier
23-Oct-09
UG2F VISHAY-UG2F Datasheet
73Kb / 4P
Ultrafast Plastic Rectifier
23-Oct-09
logo
Sangdest Microelectroni...
ER3JA SMC-ER3JA Datasheet
219Kb / 6P
ULTRAFAST PLASTIC RECTIFIER
MUR530AX SMC-MUR530AX Datasheet
166Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
MUR860 SMC-MUR860 Datasheet
207Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
MUR860AX SMC-MUR860AX Datasheet
166Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com