Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G570 Datasheet(PDF) 13 Page - Global Mixed-mode Technology Inc

Part # G570
Description  Dual-Slot PCMCIA/CardBus Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G570 Datasheet(HTML) 13 Page - Global Mixed-mode Technology Inc

Back Button G570 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 12Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 13Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 14Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Ver 1.0
Nov 09, 2000
TEL: 886-3-5788833
http://www.gmt.com.tw
13
G570
Global Mixed-mode Technology Inc.
G570 28Pin Package
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
2.0
0.079
A1
0.05
0.002
A2
1.65
1.75
1.85
0.065
0.069
0.073
b
0.22
0.30
0.33
0.009
0.012
0.013
c
0.09
0.15
0.21
0.004
0.006
0.008
e
0.65 BASIC
0.026 BASIC
D
9.90
10.20
10.50
0.390
0.402
0.413
E
7.40
7.80
8.20
0.291
0.307
0.323
E1
5.00
5.30
5.60
0.197
0.209
0.220
L
0.55
0.75
0.95
0.022
0.030
0.038
θ
0
4
8
0
4
8
JEDEC
MO-150 (AH)
h x 45
°
C
L
θ
E1 E
SEATING PLANE
0.004 C
D
b
e
A
A1
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com