Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G570 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G570
Description  Dual-Slot PCMCIA/CardBus Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G570 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G570 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G570 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Ver 1.0
Nov 09, 2000
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G570
Global Mixed-mode Technology Inc.
Absolute maximum ratings over operating
free-air temperature (unless otherwise noted)*
Input voltage range for card power:
VI(3.3V).................................………………-0.3V to 7V
VI(5V)........................………..…...………..-0.3V to 7V
VI(12V) ...................………..…………….. -0.3V to 14V
Logic input voltage...................................…-0.3V to 7V
Output current (each card):
IO (xVCC)……………………..……...…..internally limited
IO(xVPP)...............................…........... internally limited
Operating virtual junction temperature range, TJ
……………………………………………….-40°C to 150°C
Operating free-air temperature range, TA
...…………………….……..……………….-40°C to 85°C
Storage temperature range, TSTG….…...-55°C to 150°C
*Stresses beyond those listed under "absolute maximum ratings”may cause permanent damage to the device. These are stress rating
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions”is not implied. Exposure to absolute–maximum-rated conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Min
Max
Unit
VI (5V)
0
5.25
V
VI (3.3V)
0
5.25
V
Input voltage range, VI
VI (12V)
0
13.5
V
IO (xVCC) at 25°C
1
A
Output current
IO (xVPP) at 25°C
150
mA
Clock frequency
0
2.5
MHz
Operating virtual junction temperature, TJ
-40
125
°C
Typical PC Card Power-Distribution Application
Supervisor
PCMCIA
Controller
12V
5V
3.3V
3
G570
12V
5V
3.3V
RESET
RESET
Serial Interface
OC
AVPP
V
PP1
V
PP2
V
CC
V
CC
PC Card A
V
PP1
V
PP2
V
CC
V
CC
PC Card B
AVCC
AVCC
AVCC
BVPP
BVCC
BVCC
BVCC
Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com