Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM505LRBABF Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 78 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 74Page - Texas Instruments DM505LRBABF Datasheet HTML 75Page - Texas Instruments DM505LRBABF Datasheet HTML 76Page - Texas Instruments DM505LRBABF Datasheet HTML 77Page - Texas Instruments DM505LRBABF Datasheet HTML 78Page - Texas Instruments DM505LRBABF Datasheet HTML 79Page - Texas Instruments DM505LRBABF Datasheet HTML 80Page - Texas Instruments DM505LRBABF Datasheet HTML 81Page - Texas Instruments DM505LRBABF Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 290 page
background image
78
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
(1) Stresses beyond those listed as absolute maximum ratings may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those listed under Section 5.4, Recommended Operating
Conditions, is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to VSS, unless otherwise noted.
(3) See I/Os supplied by this power pin in Table 4-1 Ball Characteristics.
(4) VDD is the voltage on the corresponding power-supply pin(s) for the IO.
(5) Per JEDEC JESD78 at 125°C with specified I/O pin injection current and clamp voltage of 1.5 times maximum recommended I/O
voltage and negative 0.5 times maximum recommended I/O voltage.
(6) Per JEDEC JESD78 at 125°C.
5.2
ESD Ratings
VALUE
UNIT
VESD Electrostatic discharge
Human-Body model (HBM), per AEC Q100-002(1)
±1000
V
Charged-device model (CDM), per AEC
Q100-011
All pins
±250
Corner pins (A1,
AB1, A22, AB22)
±750
(1) AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
5.3
Power on Hour (POH) Limits
IP
Duty Cycle
Voltage Domain
Voltage (V) (max)
Frequency (MHz)
(max)
Tj(°C)
POH
All
100%
All
All Support OPPs
Automotive Profile(1)
20000
(1) Automotive profile is defined as 20000 power on hours with junction temperature as follows: 5%@-40°C, 65%@70°C, 20%@110°C,
10%@125°C.
(2) The information in this section is provided solely for your convenience and does not extend or modify the warranty provided under TI’s
standard terms and conditions for TI semiconductor products.
(3) POH is a functional of voltage, temperature and time. Usage at higher voltages and temperatures will result in a reduction in POH to
achieve the same reliability performance. For assessment of alternate use cases, contact your local TI representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com