Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRCC Datasheet(PDF) 48 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 48 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 44Page - SMSC Corporation IRCC Datasheet HTML 45Page - SMSC Corporation IRCC Datasheet HTML 46Page - SMSC Corporation IRCC Datasheet HTML 47Page - SMSC Corporation IRCC Datasheet HTML 48Page - SMSC Corporation IRCC Datasheet HTML 49Page - SMSC Corporation IRCC Datasheet HTML 50Page - SMSC Corporation IRCC Datasheet HTML 51Page - SMSC Corporation IRCC Datasheet HTML 52Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 79 page
background image
48
Effect Of The Reset on Register File
The Reset Function Table (Table 30) details the
effect of the Reset input on each of the registers of
the Serial Port.
FIFO INTERRUPT MODE OPERATION
When the RCVR FIFO and receiver interrupts are
enabled (FCR bit 0 = "1", IER bit 0 = "1"), RCVR
interrupts occur as follows:
A. The receive data available interrupt will be
issued when the FIFO has reached its
programmed trigger level; it is cleared as
soon
as
the
FIFO
drops
below
its
programmed trigger level.
B. The IIR receive data available indication also
occurs when the FIFO trigger level is reached.
It is cleared when the FIFO drops below the
trigger level.
C. The receiver line status interrupt (IIR=06H),
has higher priority than the received data
available (IIR=04H) interrupt.
D. The data ready bit (LSR bit 0)is set as soon
as a character is transferred from the shift
register to the RCVR FIFO. It is reset when
the FIFO is empty.
When RCVR FIFO and receiver interrupts are
enabled, RCVR FIFO timeout interrupts occur as
follows:
A. A FIFO timeout interrupt occurs if all the
following conditions exist:
at least one character is in the FIFO
The
most
recent
serial
character
received was longer than 4 continuous
character times ago. (If 2 stop bits are
programmed, the second one is included
in this time delay.)
The most recent CPU read of the FIFO
was longer than 4 continuous character
times ago.
This will cause a maximum character
received to interrupt issued delay of 160
msec at 300 BAUD with a 12 bit
character.
B. Character times are calculated by using the
RCLK input for a clock signal (this makes the
delay proportional to the baudrate).
C. When a timeout interrupt has occurred it is
cleared and the timer reset when the CPU
reads one character from the RCVR FIFO.
D. When a timeout interrupt has not occurred the
timeout timer is reset after a new character is
received or after the CPU reads the RCVR
FIFO.
When the XMIT FIFO and transmitter interrupts
are enabled (FCR bit 0 = "1", IER bit 1 = "1"),
XMIT interrupts occur as follows:
A. The transmitter holding register interrupt (02H)
occurs when the XMIT FIFO is empty; it is
cleared as soon as the transmitter holding
register is written to (1 of 16 characters may be
written to the XMIT FIFO while servicing this
interrupt) or the IIR is read.
B. The transmitter FIFO empty indications will be
delayed 1 character time minus the last stop
bit time whenever the following occurs:
THRE=1 and there have not been at least two
bytes at the same time in the transmitte FIFO
since the last THRE=1.
The transmitter
interrupt
after
changing
FCR0
will
be
immediate, if it is enabled.
Character timeout and RCVR FIFO trigger level
interrupts have the sme priority as the current
received data available interrupt; XMIT FIFO
empty has the same priority as the current
transmitter holding register empty interrupt.
FIFO POLLED MODE OPERATION
With FCR bit 0 = "1" resetting IER bits 0, 1, 2 or 3
or all to zero puts the UART in the FIFO Polled
Mode of operation.
Since the RCVR and are
controlled separately, either one or both can be in
the polled mode of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com