Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRCC Datasheet(PDF) 8 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 8 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 4Page - SMSC Corporation IRCC Datasheet HTML 5Page - SMSC Corporation IRCC Datasheet HTML 6Page - SMSC Corporation IRCC Datasheet HTML 7Page - SMSC Corporation IRCC Datasheet HTML 8Page - SMSC Corporation IRCC Datasheet HTML 9Page - SMSC Corporation IRCC Datasheet HTML 10Page - SMSC Corporation IRCC Datasheet HTML 11Page - SMSC Corporation IRCC Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
8
OPERATION MODES
RAW IR
In Raw mode the state of the IR emitter and
detector can be directly accessed through the
host interface (Figure 3).
The IR emitter tracks the Raw Tx Control bit. For
example, depending on the state of the Tx
Polarity control a logic '1' may turn the LED on
and a logic '0' may turn the LED off. Care must
be taken in software to ensure that the LED is
not on continuously.
The Raw Rx Control bit represents the state of
the PIN diode. For example, depending on the
state of the Rx Polarity control a logic '1' may
mean no IR is detected, a logic '0' may mean IR
is being detected.
If an IR carrier is being
received, the Raw Rx Control bit will oscillate at
the carrier frequency.
If enabled, a Raw Mode Interrupt will be
generated when the Raw Rx Control bit
transitions to the active state, depending on the
state of the Rx Polarity control.
RAW Tx
Registers
Transition
Detect
Enable
Interrupt
Encoder/Decoder
RAW Rx
FIGURE 3 - RAW IR BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com