| Electronic Components Datasheet Search |
|
TLE2022IP Datasheet(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2022IP Datasheet(HTML) 18 Page - Texas Instruments |
|
18 / 77 page ![]() TLE2022 electrical characteristics at specified free-air temperature, VCC = ± 15 V (unless otherwise noted) PARAMETER TEST CONDITIONS T † TLE2022I TLE2022AI TLE2022BI UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX MIN TYP MAX UNIT V Input offset voltage 25°C 150 500 120 300 70 150 V VIO Input offset voltage Full range 700 450 300 μV Temperature coefficient of Full range 2 2 2 V/°C αVIO Temperature coefficient of input offset voltage Full range 2 2 2 μV/°C Input offset voltage long-term V 0 R 50 Ω 25°C 0 006 0 006 0 006 V/mo Input offset voltage long term drift (see Note 4) VIC = 0, RS = 50 Ω 25°C 0.006 0.006 0.006 μV/mo I Input offset current 25°C 0.5 6 0.4 6 0.3 6 nA IIO Input offset current Full range 10 10 10 nA I Input bias current 25°C 35 70 33 70 30 70 nA IIB Input bias current Full range 90 90 90 nA − 15 −15.3 − 15 −15.3 − 15 −15.3 25°C − 15 to −15.3 to − 15 to −15.3 to − 15 to −15.3 to V Common-mode input R 50 Ω 25 C to 13.5 to 14 to 13.5 to 14 to 13.5 to 14 V VICR Common mode input voltage range RS = 50 Ω − 15 − 15 − 15 V voltage range Full range − 15 to − 15 to − 15 to Full range to 13.2 to 13.2 to 13.2 V Maximum positive peak 25°C 14 14.3 14 14.3 14 14.3 V VOM + Maximum positive peak output voltage swing R 10 kΩ Full range 13.9 13.9 13.9 V V Maximum negative peak RL = 10 kΩ 25°C − 13.7 − 14.1 − 13.7 − 14.1 − 13.7 − 14.1 V VOM − Maximum negative peak output voltage swing Full range − 13.6 − 13.6 − 13.6 V A Large-signal differential V ± 10 V R 10 kΩ 25°C 0.8 4 1 7 1.5 10 V/ V AVD Large signal differential voltage amplification VO = ± 10 V, RL = 10 kΩ Full range 0.8 1 1.5 V/μV CMRR Common mode rejection ratio V V min R 50 Ω 25°C 95 106 97 109 100 112 dB CMRR Common-mode rejection ratio VIC = VICRmin, RS = 50 Ω Full range 91 93 96 dB k Supply-voltage rejection ratio V ±2 5 V to ±15 V 25°C 100 115 103 118 105 120 dB kSVR Supply voltage rejection ratio (ΔVCC± /ΔVIO) VCC = ±2.5 V to ±15 V Full range 95 98 100 dB I Supply current 25°C 550 700 550 700 550 700 A ICC Supply current VO = 0 No load Full range 700 700 700 μA ΔI Supply current change over VO = 0, No load Full range 30 30 30 μA ΔICC Supply current change over operating temperature range Full range 30 30 30 μA † Full range is −40°C to 85°C. NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |