| Electronic Components Datasheet Search |
|
TLE2022IP Datasheet(PDF) 26 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2022IP Datasheet(HTML) 26 Page - Texas Instruments |
|
26 / 77 page ![]() TLE2024 electrical characteristics at specified free-air temperature, VCC = ±15 V (unless otherwise noted) PARAMETER TEST CONDITIONS T † TLE2024M TLE2024AM TLE2024BM UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX MIN TYP MAX UNIT V Input offset voltage 25°C 1000 750 500 V VIO Input offset voltage Full range 1200 950 700 μV αVIO Temperature coefficient of input offset voltage Full range 2 2 2 μV/°C Input offset voltage long-term drift (see Note 4) VIC = 0, RS = 50 Ω 25°C 0.006 0.006 0.006 μV/mo I Input offset current 25°C 0.6 6 0.5 6 0.4 6 nA IIO Input offset current Full range 10 10 10 nA I Input bias current 25°C 50 70 45 70 40 70 nA IIB Input bias current Full range 90 90 90 nA V Common-mode input voltage R 50 Ω 25°C −15 to 13.5 −15.3 to 14 −15 to 13.5 −15.3 to 14 −15 to 13.5 −15.3 to 14 V VICR Common mode input voltage range RS = 50 Ω Full range −15 to 13.2 −15 to 13.2 −15 to 13.2 V V Maximum positive peak output 25°C 13.8 14.1 13.9 14.2 14 14.3 V VOM+ Maximum positive peak output voltage swing R 10 kΩ Full range 13.7 13.7 13.8 V V Maximum negative peak output RL = 10 kΩ 25°C −13.7 −14.1 −13.7 −14.1 −13.7 −14.1 V VOM− Maximum negative peak output voltage swing Full range −13.6 −13.6 −13.6 V A Large-signal differential V ±10 V R 10 kΩ 25°C 0.4 2 0.8 4 1 7 V/ V AVD Large signal differential voltage amplification VO = ±10 V, RL = 10 kΩ Full range 0.4 0.8 1 V/μV CMRR Common mode rejection ratio V V min R 50 Ω 25°C 92 102 94 105 97 108 dB CMRR Common-mode rejection ratio VIC = VICRmin, RS = 50 Ω Full range 88 90 93 dB k Supply-voltage rejection ratio V ± 2 5 V to ±15 V 25°C 98 112 100 115 103 117 dB kSVR Supply voltage rejection ratio (ΔVCC±/ΔVIO) VCC± = ± 2.5 V to ±15 V Full range 93 95 98 dB I Supply current 25°C 1050 1400 1050 1400 1050 1400 A ICC Supply current VO = 0 No load Full range 1400 1400 1400 μA ΔI Supply current change over VO = 0, No load Full range 85 85 85 μA ΔICC Supply current change over operating temperature range Full range 85 85 85 μA † Full range is −55°C to 125°C. NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |