Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2046B Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2046B
Description  4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2046B Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB2046B Datasheet HTML 3Page - Texas Instruments TUSB2046B Datasheet HTML 4Page - Texas Instruments TUSB2046B Datasheet HTML 5Page - Texas Instruments TUSB2046B Datasheet HTML 6Page - Texas Instruments TUSB2046B Datasheet HTML 7Page - Texas Instruments TUSB2046B Datasheet HTML 8Page - Texas Instruments TUSB2046B Datasheet HTML 9Page - Texas Instruments TUSB2046B Datasheet HTML 10Page - Texas Instruments TUSB2046B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7
TUSB2046B, TUSB2046I
www.ti.com
SLLS413L – FEBRUARY 2000 – REVISED JUNE 2017
Product Folder Links: TUSB2046B TUSB2046I
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TUSB2046x
UNIT
RHB (VQFN)
32 PINS
RθJA
Junction-to-ambient thermal resistance
35.7
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
28.4
°C/W
RθJB
Junction-to-board thermal resistance
9.9
°C/W
ψJT
Junction-to-top characterization parameter
0.5
°C/W
ψJB
Junction-to-board characterization parameter
9.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.3
°C/W
(1)
Applies for input buffers with hysteresis.
(2)
Applies for open-drain buffers.
7.5 Electrical Characteristics
over recommended ranges of operating free-air temperature and supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High-level output voltage
TTL/LVCMOS
IOH = –4 mA
VCC – 0.5
V
USB data lines
R(DRV) = 15 kΩ to GND
2.8
IOH = –12 mA (without R(DRV))
VCC – 0.5
VOL
Low-level output voltage
TTL/LVCMOS
IOL = 4 mA
0.5
V
USB data lines
R(DRV) = 1.5 kΩ to 3.6 V
0.3
IOL = 12 mA (without R(DRV))
0.5
VIT+
Positive input threshold
TTL/LVCMOS
1.8
V
Single-ended
0.8 V
≤ VICR ≤ 2.5 V
1.8
VIT–
Negative-input threshold
TTL/LVCMOS
0.8
V
Single-ended
0.8 V
≤ VICR ≤ 2.5 V
1
Vhys
Input hysteresis(1)
(VT+ – VT–)
TTL/LVCMOS
0.3
0.7
mV
Single-ended
0.8 V
≤ VICR ≤ 2.5 V
300
500
IOZ
High-impedance output current
TTL/LVCMOS
V = VCC or GND
(2)
±10
μA
USB data lines
0 V
≤ VO ≤ VCC
±10
IIL
Low-level input current
TTL/LVCMOS
VI = GND
–1
μA
IIH
High-level input current
TTL/LVCMOS
VI = VCC
1
μA
z0(DRV)
Driver output impedance
USB data lines
Static VOH or VOL
7.1
19.9
Ω
VID
Differential input voltage
USB data lines
0.8 V
≤ VICR ≤ 2.5 V
0.2
V
ICC
Input supply current
Normal operation
40
mA
Suspend mode
1
μA
(1)
Characterized only. Limits are approved by design and are not production tested.
7.6 Differential Driver Switching Characteristics (Full Speed Mode)
over recommended ranges of operating free-air temperature and supply voltage, CL = 50 pF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tr
Transition rise time for DP or DM
See Figure 1 and Figure 2
4
20
ns
tf
Transition fall time for DP or DM
See Figure 1 and Figure 2
4
20
ns
t(RFM)
Rise/fall time matching(1)
(tr/tf) × 100
90%
110%
VO(CRS) Signal crossover output voltage
(1)
1.3
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com