Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2046B Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2046B
Description  4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2046B Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB2046B Datasheet HTML 9Page - Texas Instruments TUSB2046B Datasheet HTML 10Page - Texas Instruments TUSB2046B Datasheet HTML 11Page - Texas Instruments TUSB2046B Datasheet HTML 12Page - Texas Instruments TUSB2046B Datasheet HTML 13Page - Texas Instruments TUSB2046B Datasheet HTML 14Page - Texas Instruments TUSB2046B Datasheet HTML 15Page - Texas Instruments TUSB2046B Datasheet HTML 16Page - Texas Instruments TUSB2046B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13
TUSB2046B, TUSB2046I
www.ti.com
SLLS413L – FEBRUARY 2000 – REVISED JUNE 2017
Product Folder Links: TUSB2046B TUSB2046I
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
8.5 Programming
An SGS Thompson M93C46 EEPROM, or equivalent, stores the programmable VID and PID. When the
EEPROM interface is enabled (EXTMEM = 0), the EECLK and EEDATA are internally pulled down (100 μA)
inside the TUSB2046x. The internal pulldowns are disabled when the EEPROM interface is disabled
(EXTMEM = 1).
The EEPROM is programmed with the three 16-bit locations as shown in Table 1. Connecting terminal 6 of the
EEPROM high (ORG = 1) organizes the EEPROM memory into 64×16-bit words.
Table 1. EEPROM Memory Map
ADDRESS
D15
D14
D13
D12–D8
D7–D0
00000
0
GANGED
00000
00000
00000000
00001
VID high-byte
VID low-byte
00010
PID high-byte
PID low-byte
XXXXXXXX
The D and Q signals of the EEPROM must be tied together using a 1-k
Ω resistor with the common I/O
operations forming a single-wire bus. After system power-on reset, the TUSB2046x performs a one-time access
read operation from the EEPROM if the EXTMEM terminal is pulled low and the chip select(s) of the EEPROM is
connected to the system power-on reset. Initially, the EEDATA terminal is driven by the TUSB2046x to send a
start bit (1) which is followed by the read instruction (10) and the starting-word address (00000). Once the read
instruction is received, the instruction and address are decoded by the EEPROM, which then sends the data to
the output shift register. At this point, the hub stops driving the EEDATA terminal and the EEPROM starts driving.
A dummy (0) bit is then output and the first three 16-bit words in the EEPROM are output with the most
significant bit (MSB) first.
The output data changes are triggered by the rising edge of the clock provided by the TUSB2046x on the EECLK
terminal. The SGS-Thompson M936C46 EEPROM is recommended because it advances to the next memory
location by automatically incrementing the address internally. Any EEPROM used must have the automatic
internal address advance function. After reading the three words of data from the EEPROM, the TUSB2046x
puts the EEPROM interface into a high-impedance condition (pulled down internally) to allow other logic to share
the EEPROM. The EEPROM read operation is summarized in Figure 9. For more details on EEPROM operation,
refer to SGS-Thompson Microelectronics M93C46 Serial Microwire Bus EEPROM data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com