Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25AF25X Datasheet(PDF) 29 Page - Switchcraft, Inc.

Part # 25AF25X
Description  Pro Audio & Broadcast Catalog
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

25AF25X Datasheet(HTML) 29 Page - Switchcraft, Inc.

Back Button 25AF25X Datasheet HTML 25Page - Switchcraft, Inc. 25AF25X Datasheet HTML 26Page - Switchcraft, Inc. 25AF25X Datasheet HTML 27Page - Switchcraft, Inc. 25AF25X Datasheet HTML 28Page - Switchcraft, Inc. 25AF25X Datasheet HTML 29Page - Switchcraft, Inc. 25AF25X Datasheet HTML 30Page - Switchcraft, Inc. 25AF25X Datasheet HTML 31Page - Switchcraft, Inc. 25AF25X Datasheet HTML 32Page - Switchcraft, Inc. 25AF25X Datasheet HTML 33Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 102 page
background image
PATCHBAYS
28
Features and Benefits
• Unit features 96 TT jacks
• Attractive, corrosion resistant
nickel-plated jacks
• Steel frame jack for superior
jack life
• Extra wide labeling strips provide
maximum space
• Rugged cable tie bar takes the
weight of cables off the jacks
• Rugged, attractive black anodized
aluminum face will not break
• Three jack configurations available
for the exact switching arrangement
you need: full normal, half normal,
and open circuit panel
• Fanned solder terminals for easier
solder connections
• Offset ground terminal for ease in
making common ground buss
connections
• Gold switching contacts for
long-term reliability in normal-
through connections
Specifications
Materials
Jacks
Frame: Steel, nickel-plated
Bushing: Nickel-plated copper alloy
Springs: Copper alloy solder lugs
Ground Terminal: Steel, tin
electrodeposited
Switching Contacts: Welded, gold
alloy inlay over palladium base
Insulation: Rigid plastic spacers,
rigid PVC tubing through stack
Screws: Steel, plated
Panel
Frame: Black anodized aluminum
Inserts: Polyester, glass filled,
94V-0
Cable Support Bar: Cold rolled
steel, nickel-plated
Designation Strips: Thermoplastic,
94V-0
TTP96AS Patchbay Series
Designation Strip Covers: Clear
thermoplastic, SE-1
Marking Strip: Rigid vinylite
Jack Mounting Screws: Steel, plated
Screws: Steel, black plated
Mechanical
Life: 30,000 cycles
Insertion Force: 7 lbs. maximum
Withdrawal Force: 1 lb. minimum
Environmental: 0˚C to +50˚C
Ordering Information
Part Number
Type of Jack
No. of Jacks
Description
TTP96ASFN
TT
96
Full normals
TTP96ASHN
TT
96
Half normals
TTP96ASNN
TT
96
No normals
The TTP96AS Series of patchbays offer a rugged cable tie bar to support
rear cabling.
TTP96ASFN
Electrical
Contact Resistance: 30 milliohms
maximum initial
Insulation Resistance: 10,000
megohms maximum
Dielectric Withstanding Voltage:
500VAC at 60 Hz
Working Voltage:
140VDC maximum
Current Rating: 100 milliamps
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com