Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25AF25X Datasheet(PDF) 35 Page - Switchcraft, Inc.

Part # 25AF25X
Description  Pro Audio & Broadcast Catalog
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

25AF25X Datasheet(HTML) 35 Page - Switchcraft, Inc.

Back Button 25AF25X Datasheet HTML 31Page - Switchcraft, Inc. 25AF25X Datasheet HTML 32Page - Switchcraft, Inc. 25AF25X Datasheet HTML 33Page - Switchcraft, Inc. 25AF25X Datasheet HTML 34Page - Switchcraft, Inc. 25AF25X Datasheet HTML 35Page - Switchcraft, Inc. 25AF25X Datasheet HTML 36Page - Switchcraft, Inc. 25AF25X Datasheet HTML 37Page - Switchcraft, Inc. 25AF25X Datasheet HTML 38Page - Switchcraft, Inc. 25AF25X Datasheet HTML 39Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 102 page
background image
PATCHBAYS
34 VPP Video Patchbay Series
Features and Benefits
• HD Series rated from DC to
3.0 GHz
• SD Series has a bandwidth from
DC to 1.75GHz
• Black thermoplastic modules
insulate jacks from chassis
• Jacks feature rugged heavy duty
housings
Video Jack Specifications
Electrical
Rated Bandwidth: 3.0 GHz (HD),
1.75 GHz (SD)
Characteristic Impedance:
75 ohms
Return Loss: Better than –15 dB
Insertion Loss: Better than –.5 dB
Contact Resistance: Less than 20
milliohms
Termination Resistance:
75 W, ±1%
Center Conductor: Accepts .090
pin diameter
Mechanical
Mechanical Shock: Per MIL-STD-
202, Method 213, Test condition I
Vibration: Per MIL-STD-202,
Method 201
Life Cycle: 30,000
Materials
Housing: Zinc alloy, nickel plated
Center Contacts: Copper alloy,
gold plated
Switching Springs: Copper alloy,
gold plated
Grounding Contacts:
HD Series - Copper alloy, gold
plated
SD Series - Copper alloy, nickel
plated
Insulators: Thermoplastic,
UL 94V-0 rated
Environmental
Operating Temperature:
– 40°C to 65°C
Storage Temperature:
– 55°C to 85°C
Thermal Shock:
Per MIL-STD-202, Method 107
Moisture and Humidity:
Per MIL-STD-202, Method 106
Ordering Information
Part Number Type of Jack
No. of Jacks
Height
Description
VPP24K1HD*75T
HD
24
1.75"
Terminated
VPP24K1HD*NT
HD
24
1.75"
Non-term
VPP24K1SD*75T
SD
24
1.75"
Terminated
VPP24K1SD*NT
SD
24
1.75"
Non-term
VPP26K1HD*75T
HD
26
1.75"
Terminated
VPP26K1HD*NT
HD
26
1.75"
Non-term
VPP26K1SD*75T
SD
26
1.75"
Terminated
VPP26K1SD*NT
SD
26
1.75"
Non-term
VPP24K3HD*75T
HD
24
3.5"
Terminated
VPP24K3HD*NT
HD
24
3.5"
Non-term
VPP24K3SD*75T
SD
24
3.5"
Terminated
VPP24K3SD*NT
SD
24
3.5"
Non-term
VPP26K3HD*75T
HD
26
3.5"
Terminated
VPP26K3HD*NT
HD
26
3.5"
Non-term
VPP26K3SD*75T
SD
26
3.5"
Terminated
VPP26K3SD*NT
SD
26
3.5"
Non-term
* Add “N” for non-normalled version
The VPP Series video patchbays offer a wide variety of options for video patching.
The HD Series meets SMPTE 292M specifications for high definition video signaling,
covering a bandwidth range from DC to 3.0GHz. The SD Series is perfect for serial
digital, with a bandwidth from DC to 1.75GHz. Both come in either terminated or
non-terminated, 24 or 26 jacks, 1.75" or 3.5" heights.
See Page 36 for Individual Jacks Ordering Information
VPP24K3HD75T
VJHD*75TX
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com