Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2485NA Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2485NA
Description  220V Triple Bias Clamp with G1 Blank Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2485NA Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2485NA Datasheet HTML 1Page - National Semiconductor (TI) LM2485NA Datasheet HTML 2Page - National Semiconductor (TI) LM2485NA Datasheet HTML 3Page - National Semiconductor (TI) LM2485NA Datasheet HTML 4Page - National Semiconductor (TI) LM2485NA Datasheet HTML 5Page - National Semiconductor (TI) LM2485NA Datasheet HTML 6Page - National Semiconductor (TI) LM2485NA Datasheet HTML 7Page - National Semiconductor (TI) LM2485NA Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Test Circuits
Figure 2 shows the test circuit used to evaluate the LM2485 clamp amplifier. A high impedance voltmeter (>10M
Ω) is used to
measure the DC voltages at the V
OUT output pins. Figure 3 shows the test circuit used to evaluate the LM2485 blanking amplifier.
An oscilloscope and a scope probe are used to measure the pulse amplitude at the VB
OUT output pin.
Typical Performance Characteristics
(V
CC = 220V, VBB =8V, VBIN = 0V–5V Logic Pulse at 8.6% duty cycle, Pin 12 floated, Pin 13 grounded, Test Circuits - Figure 2
and Figure 3)
20103434
FIGURE 2. Clamp Amplifier Test Circuit
20103437
FIGURE 3. Blanking Amplifier Test Circuit
20103435
FIGURE 4. V
OUT vs. VIN
20103438
FIGURE 5. VB
OUT (40VP-P)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com