Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2485NA Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2485NA
Description  220V Triple Bias Clamp with G1 Blank Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2485NA Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2485NA Datasheet HTML 1Page - National Semiconductor (TI) LM2485NA Datasheet HTML 2Page - National Semiconductor (TI) LM2485NA Datasheet HTML 3Page - National Semiconductor (TI) LM2485NA Datasheet HTML 4Page - National Semiconductor (TI) LM2485NA Datasheet HTML 5Page - National Semiconductor (TI) LM2485NA Datasheet HTML 6Page - National Semiconductor (TI) LM2485NA Datasheet HTML 7Page - National Semiconductor (TI) LM2485NA Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Notes 1,
3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, V
CC
250V
Bias Voltage, V
BB
15V
Input Voltage, V
IN
-0.5V to +6.5V
Blanking Input Voltage, VB
IN
-0.5V to +6.5V
Storage Temperature Range, T
STG
-65˚C to +150˚C
Lead Temperature (Soldering,
<10sec.)
300˚C
ESD Tolerance
Human Body Model
2 kV
Machine Model
200V
Max Junction Temperature
150˚C
θ
JA (Max at 0 LFPM)
68˚C/W
Operating Ranges (Note 3)
V
CC
170V to 230V
V
BB (Pin 12 floated)
7.5V to 8.5V
V
BB (Pin 12 grounded)
11.5V to 12.5V
V
IN
0V to 5V
V
OUT
105V to 215V
VB
IN
0V to 5V
VB
OUT (VCC = 220V)
40V to 80V
VB
OUT (VCC = 180V)
25V to 65V
Ambient Temperature Range, T
A
-20˚C to T
AMAX
(Note 5)
Electrical Characteristics
(See Figure 2 and Figure 3 for Test Circuits)
Unless otherwise noted: V
CC = 220V, VBB = 8V, VIN = 2.5VDC,TA = 20˚C, Pin 12 floated, Pin 13 grounded.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
CC
Supply Current
All channels, not including pull-up
resistor currents
3.1
4.2
mA
I
BB–8
Bias Supply Current
All channels, V
BB = 8V
6.0
10.0
mA
I
BB–12
Bias Supply Current
All channels, Pin 12 grounded,
V
BB = 12V
9.0
13.0
mA
V
OUT
Clamp Output Voltage
170
175
180
V
DC
V
OUT-Range
Clamp Output Voltage
Range
V
IN-Range= 1.5V to 4.5V
75
V
A
V
Clamp Output DC Voltage
Gain
1.0V
≤ V
IN
≤ 5.0V
–23
–25
–27
V/V
LE
Clamp Output Linearity
Error
(Note 4)
5%
VB
OUT-High
Blanking Output High
Level
VB
IN
≤ 0.5V
80
V
DC
VB
OUT-Low1
Blanking Output Low
Level 1
VB
IN
≥ 4.5V, Pin 13 floated
60
V
DC
VB
OUT-Low2
Blanking Output Low
Level 2
VB
IN
≥ 4.5V
40
V
DC
t
R
Blanking Output Rise
Time
VB
IN = 0V–5V Logic Pulse at 8.6%
duty cycle (480p), VB
OUT = 40VP-P
(40V-80V)
2.0
us
t
F
Blanking Output Fall Time VB
IN = 0V–5V Logic Pulse at 8.6%
duty cycle (480p), VB
OUT = 40VP-P
(40V-80V)
4.5
us
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
the test conditions, see the Electrical Characteristics. Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may change when the device is not operated under the listed test
conditions.
Note 3: All voltages are measured with respect to GND, unless otherwise specified.
Note 4: Linearity Error is the variation in DC gain from VIN= 1.0V to 5.0V measured at the points 1.0V, 1.5V, 4.5V, and 5.0V.
Note 5: See Section THERMAL CONSIDERATIONS to calculate TAMAX.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com