Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7685EB Datasheet(PDF) 11 Page - Exar Corporation

Part # SP7685EB
Description  1.2A Buck/Boost Charge Pump LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7685EB Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP7685EB Datasheet HTML 5Page - Exar Corporation SP7685EB Datasheet HTML 6Page - Exar Corporation SP7685EB Datasheet HTML 7Page - Exar Corporation SP7685EB Datasheet HTML 8Page - Exar Corporation SP7685EB Datasheet HTML 9Page - Exar Corporation SP7685EB Datasheet HTML 10Page - Exar Corporation SP7685EB Datasheet HTML 11Page - Exar Corporation SP7685EB Datasheet HTML 12Page - Exar Corporation SP7685EB Datasheet HTML 13Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Date: 6/20/06 Rev T
SP7685, 1.2A Buck/BoostCharge Pump LED Driver
© 2006 Sipex Corporation
PACKAGE: 10 PIN DFN
MIN
NOM
MAX
MIN
NOM
MAX
A
0.80
0.90
1.00
0.032
0.036
0.039
A1
0.00
0.02
0.05
0.000
0.001
0.002
A3
K
0.20
-
-
0.008
-
-
ø
0º
-
14º
0º
-
14º
b
0.18
0.25
0.30
0.008
0.010
0.012
D
D2
2.20
-
2.70
0.087
-
0.106
E
E2
1.40
-
1.75
0.056
-
0.069
e
L
0.30
0.40
0.50
0.012
0.016
0.020
3x3 10 Pin DFN
JEDEC MO-229
VARIATION VEED-5
Dimensions in Millimeters:
Controlling Dimension
Dimensions in Inches
Conversion Factor:
1 Inch = 25.40 mm
3.00 BSC
0.119 BSC
SYMBOL
SIPEX Pkg Signoff Date/Rev:
JL Aug09-05 / RevA
0.20 REF
0.008 REF
0.119 BSC
3.00 BSC
0.020 BSC
0.50 BSC
ø
(A3)
A1
A
Seating Plane
SIDE VIEW
10
12345
9876
INDEX AREA
(D/2 x E/2)
BOTTOM VIEW
b
e
L
K
D2
E2
E2/2
D2/2
Pin1 Designator
to be within this
INDEX AREA
(D/2 x E/2)
TOP VIEW
D
E
E/2
D/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com