Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7685EB Datasheet(PDF) 12 Page - Exar Corporation

Part # SP7685EB
Description  1.2A Buck/Boost Charge Pump LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7685EB Datasheet(HTML) 12 Page - Exar Corporation

Back Button SP7685EB Datasheet HTML 5Page - Exar Corporation SP7685EB Datasheet HTML 6Page - Exar Corporation SP7685EB Datasheet HTML 7Page - Exar Corporation SP7685EB Datasheet HTML 8Page - Exar Corporation SP7685EB Datasheet HTML 9Page - Exar Corporation SP7685EB Datasheet HTML 10Page - Exar Corporation SP7685EB Datasheet HTML 11Page - Exar Corporation SP7685EB Datasheet HTML 12Page - Exar Corporation SP7685EB Datasheet HTML 13Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
Date: 6/20/06 Rev T
SP7685, 1.2A Buck/BoostCharge Pump LED Driver
© 2006 Sipex Corporation
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Part Number
Operating Temperature Range
Package Type
SP7685ER-L ............................................... -40°C to +85°C ....................................... (Lead Free) 10 Pin DFN
SP7685ER-L/TR ........................................ -40°C to +85°C ....................................... (Lead Free) 10 Pin DFN
/TR = Tape and Reel
Pack quantity is 3,000 for DFN.
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com