Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2124 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC2124
Description  Single Chip 32-bit Microcontroller Erratasheet
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2124 Datasheet(HTML) 8 Page - NXP Semiconductors

  LPC2124 Datasheet HTML 1Page - NXP Semiconductors LPC2124 Datasheet HTML 2Page - NXP Semiconductors LPC2124 Datasheet HTML 3Page - NXP Semiconductors LPC2124 Datasheet HTML 4Page - NXP Semiconductors LPC2124 Datasheet HTML 5Page - NXP Semiconductors LPC2124 Datasheet HTML 6Page - NXP Semiconductors LPC2124 Datasheet HTML 7Page - NXP Semiconductors LPC2124 Datasheet HTML 8Page - NXP Semiconductors LPC2124 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
2004 November 8
8
LPC2124
Philips Semiconductors
Single Chip 32-bit Microcontroller
Erratasheet
LDR rn, [pc,#offset]
In this case the PC is saved to the link register R14_abt in only word resolution, not half-word
resolution. The effect is that the link register holds an address that could be #2 less than it should
be, so any abort handler could return to one instruction earlier than intended.
Work around:
In a system that does not use Thumb state, there will be no problem.
In a system that uses Thumb state but does not use data aborts, or does not try to use data aborts
in a recoverable manner, there will be no problem.
Otherwise the workaround is to ensure that a STR, STMIA or PUSH cannot precede a PC-relative
load. One method for this is to add a NOP before any PC-relative load instruction. However this is
would have to be done manually.
Electrical and Timing Specification Deviations of the LPC2124
VIH.1
Incompatibility of actual VIH levels as compared to those specified
Introduction:
The specified, minimum, value for VIH is 2.0V.
Problem:
Any pin associated with either an external interrupt input or an analog to digital converter (ADC)
input has a VIH of 2.4V, not 2.0V. The pins that are affected are the ones that can be configured
as either an ADC input or and external interrupt input, not just the ones that are configured as such.
work-around:
Make sure that high logic levels are at least 2.4V at these pins.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com