Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8092 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8092
Description  High Efficiency Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8092 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8092 Datasheet HTML 1Page - Richtek Technology Corporation RT8092 Datasheet HTML 2Page - Richtek Technology Corporation RT8092 Datasheet HTML 3Page - Richtek Technology Corporation RT8092 Datasheet HTML 4Page - Richtek Technology Corporation RT8092 Datasheet HTML 5Page - Richtek Technology Corporation RT8092 Datasheet HTML 6Page - Richtek Technology Corporation RT8092 Datasheet HTML 7Page - Richtek Technology Corporation RT8092 Datasheet HTML 8Page - Richtek Technology Corporation RT8092 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
RT8092
®
DS8092-03 January 2017
www.richtek.com
1
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
General Description
The RT8092 is a Peak-Current Mode Pulse-Width-
Modulated (PWM) step-down DC/DC converter with I2C
control interface. Capable of delivering 4A continuing output
current over a wide input voltage range from 2.5V to 5.5V,
the RT8092 is ideally suited for portable electronic devices
that are powered from 1-cell Li-ion battery or from other
power sources within the range such as cellular phones,
PDAs and handy-terminals.
Internal synchronous rectifier with low RDS(ON) dramatically
reduces conduction loss at PWM mode. No external
Schottky barrier diode is required in practical application.
The RT8092 enters low-dropout mode when normal PWM
cannot provide regulated output voltage by continuously
turning on the upper P-MOSFET. The RT8092 enters shut-
down mode and consumes less than 5
μA when the EN
pin is pulled low. The switching ripple is easily smoothed-
out by small package filtering elements due to a fixed
operation frequency of 3MHz. This along with small
WL-CSP-15B 1.2x2 (BSC) and WQFN-14L 3.5x3.5
packages provides small PCB area applications.
To increase battery life time, the RT8092 provides low
power mode with IQ < 15
μA in standby and light-load
applications. The RT8092 also includes Dynamic Voltage
Scaling (DVS) for system low power applications.
The I
2C interface let the RT8092 controllable flexibly to
3MHz 4A High Efficiency Step-Down Converter with I2C
Interface
Simplified Application Circuit
Features
2.5V to 5.5V Input Range
Low Operation Quiescent Current

Normal Mode IQ < 60
μμμμμA

Low Power Mode IQ < 15
μμμμμA
Output range From 0.3V to 5.5V

Bank 0 : 0.3V to 0.7V

Bank 1 : 0.6V to 1.4V

Bank 2 : 1.2V to 2.8V

Bank 3 : 2.4V to 5.5V

The Default Value is 2.8V (VSEL = High) and 1V
(VSEL = Low)
4A Continuing Output Current
Support DVS in the Same Bank

VOUT Adjusting Range (max, min) is Settable
High Efficiency

90% at 5V 2.8V with 1.5A Load
3MHz Fixed-Frequency PWM Operation

Auto-PSM/PWM or Force-PWM Selectable
Support Remote Ground Sensing for Accurate
Output Voltage
select VOUT voltage level, peak current limit level, PWM
control mode, and so on. Other features include soft-start,
auto discharge, lower internal reference voltage, over-
temperature, and over-current protection.
VOUT
RT8092
LX
PGND
AGND
PVIN
AVDD
EN
SCL
SDA
Enable
Input Power
Output
I
2
C Control
Load
GNDR
VSEL
VOUT Select


Similar Part No. - RT8092

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8096A RICHTEK-RT8096A Datasheet
1Mb / 19P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT8096AHGB RICHTEK-RT8096AHGB Datasheet
1Mb / 19P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT8096AHGE RICHTEK-RT8096AHGE Datasheet
1Mb / 19P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT8096AHGJ5 RICHTEK-RT8096AHGJ5 Datasheet
1Mb / 19P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT8096AHGJ6 RICHTEK-RT8096AHGJ6 Datasheet
1Mb / 19P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
More results

Similar Description - RT8092

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
High-Efficiency Step-Down DC-DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
high-efficiency step down DC-DC converter
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
logo
Texas Instruments
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
High-Efficiency MicroSiP STEP-DOWN CONVERTER
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
logo
ACE Technology Co., LTD...
ACE725E ACE-ACE725E Datasheet
867Kb / 11P
24V , 1.2A High Efficiency Step-Down Converter
VER 1.1
logo
Texas Instruments
TPS62510 TI1-TPS62510_16 Datasheet
1Mb / 28P
High Efficiency Step-Down Converter
logo
Linear Technology
LTC3637EMSE LINER-LTC3637EMSE Datasheet
726Kb / 8P
High Efficiency 76V, 1A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com