Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8092 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8092
Description  High Efficiency Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8092 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8092 Datasheet HTML 1Page - Richtek Technology Corporation RT8092 Datasheet HTML 2Page - Richtek Technology Corporation RT8092 Datasheet HTML 3Page - Richtek Technology Corporation RT8092 Datasheet HTML 4Page - Richtek Technology Corporation RT8092 Datasheet HTML 5Page - Richtek Technology Corporation RT8092 Datasheet HTML 6Page - Richtek Technology Corporation RT8092 Datasheet HTML 7Page - Richtek Technology Corporation RT8092 Datasheet HTML 8Page - Richtek Technology Corporation RT8092 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
RT8092
3
DS8092-03 January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
WL-CSP-15B
1.2x2
WQFN-14L
3.5x3.5
A1, B1
7, 8
PVIN
Power input. Input capacitor CIN must be placed as close to IC
as possible.
A2, B2
10, 11
LX
Switch node.
A3, B3, C3
--
PGND
Power ground.
C1
--
AGND
Analog ground.
C2
13
SDA
I2C interface data input.
D1
6
AVDD
Analog and I2C interface power input.
D2
2
SCL
I2C interface clock input.
D3
14
VSEL
Nominal VOUT setting select input pin.
VSEL = Low selects {0x11.ENSEL0, 0x11.VoutSEL0[6:0],
0x14.PWM0}.
VSEL = High selects {0x10.ENSEL1, 0x10.VoutSEL1[6:0],
0x14.PWM1}.
E1
4
VOUT
Step-down converter output voltage sense input.
E2
3
GNDR
Remote ground sense input.
E3
1
EN
Enable control input. The IC enable control pin turns on the
step-down converter if the internal register ENSEL bit = 1. If
ENSEL = 0, EN goes high still cannot enable step-down
converter. The EN pin includes a internal pull-down current about
1
A.
When IC protection occurs and is latched in shutdown state,
toggling EN or re-power AVDD can reset the latch state.
--
5, 9
NC
No internal connection.
--
12,
15 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
Pin Configuration
(TOP VIEW)
WL-CSP-15B 1.2x2 (BSC)
AGND
PGND
VSEL
AVDD
LX
SCL
PVIN
PGND
PGND
PVIN
LX
SDA
VOUT
EN
GNDR
C1
C2
C3
D3
D1
D2
A1
A2
A3
B3
B1
B2
E1
E2
E3
WQFN-14L 3.5x3.5
VOUT
GNDR
EN
SCL
GND
LX
NC
LX
NC
PVIN
12
11
10
9
13
14
1
2
3
4
7
6
GND
15
8
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com