Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC7632SP Datasheet(PDF) 5 Page - First Components International

Part # FC7632SP
Description  SP FIXED- MULTI-OUTPUT REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC7632SP Datasheet(HTML) 5 Page - First Components International

  FC7632SP Datasheet HTML 1Page - First Components International FC7632SP Datasheet HTML 2Page - First Components International FC7632SP Datasheet HTML 3Page - First Components International FC7632SP Datasheet HTML 4Page - First Components International FC7632SP Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Die size Хr=2.22 mm, Уr=2.57 mm (pad size measured by layer “passivation”)
Coordinates of pads
Left bottom coordinates, mm
pad size, mm
No of pad
X
Y
01
0,142
2,347
0,115
×0,115
02
0,142
1,024
0,115
×0,115
03
0,138
0,703
0,115
×0,115
04
0,138
0,148
0,115
×0,115
05
0,483
0,148
0,115
×0,115
06
0,860
0,163
0,115
×0,115
07*
1,328
0,151
0,074
×0,074
08*
1,448
0,151
0,074
×0,074
09*
1,648
0,151
0,074
×0,074
10*
1,808
0,151
0,074
×0,074
11
1,972
0,133
0,115
×0,115
12
1,972
0,612
0,115
×0,115
13
1,972
1,203
0,115
×0,115
14
1,972
1,493
0,115
×0,115
15
1,972
1,873
0,115
×0,115
16
1,972
2,162
0,115
×0,115
17
1,902
2,367
0,115
×0,115
*-- technological pads, not for bonding
FC7632 SP FIXED- MULTI-OUTPUT REGULATORS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com