Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC7632SP Datasheet(PDF) 1 Page - First Components International

Part # FC7632SP
Description  SP FIXED- MULTI-OUTPUT REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC7632SP Datasheet(HTML) 1 Page - First Components International

  FC7632SP Datasheet HTML 1Page - First Components International FC7632SP Datasheet HTML 2Page - First Components International FC7632SP Datasheet HTML 3Page - First Components International FC7632SP Datasheet HTML 4Page - First Components International FC7632SP Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DESCRIPTION
The FC7632 is a multi-output positive voltage regulator
designed to provide fixed precision output voltages of 3.3V, 8V
at current up to 0.5A and 5.1V at current up to 1A with external
PNP transistor. An internal reset circuit generates a reset pulse
when the output 1 decrease below the regulated value. Output2
& 3 can be disabled by TTL input. Protection features include over
voltage protection, short circuit protection and thermal shutdown.
FEATURES
•
Output Currents up to 0.5A (output1 & 2)
•
Output Current up to 1A with External Transistor (output3)
•
Fixed Precision Output 1 voltage 3.3V
±2 %
•
Fixed Precision Output 2 voltage 8V
±2 %
•
Control Signal Generator for Output 3 voltage (5.1V
±2 %)
•
Reset Facility for Output Voltage1
•
Output 2,3 with Disable by TTL Input
•
Current Limit Protection at Each Output
•
Thermal Shut Down
Internal Block Diagram
10-SIP H / S
TA = 0 ... +125 ° C
2
Bandgap
Reference
1
Vin1
Vin2
0VP
Vin1
+
-
2.5V
SCP
9
50mV
Thermal
Shut Down
0VP
-
+
SCP
8
Output 1
Output 2
1.4V
Output 2,3
+
-
Disable
4
5
GND
SCP
SW
10
µA
-
+
3
6
7
10
DEL.CAP
RESET
Output 3
Cd
100nF
Vsys
10K
Control
A614 
-
+
Vin2
FC7632 SP FIXED- MULTI-OUTPUT REGULATORS


Similar Part No. - FC7632SP

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FC7630SP FCI-FC7630SP Datasheet
189Kb / 4P
SP FIXED- MULTI-OUTPUT REGULATORS
More results

Similar Description - FC7632SP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7630 FAIRCHILD-KA7630 Datasheet
71Kb / 6P
Fixed Multi-Output Regulator
logo
Gamma Microelectronics ...
GM7630 GAMMA-GM7630 Datasheet
1Mb / 1P
Multi-output Regulators
GM7630 GAMMA-GM7630_05 Datasheet
177Kb / 6P
FIXED MULTI-OUTPUT REGULATOR
logo
Rohm
BA03CC0WT ROHM-BA03CC0WT_11 Datasheet
328Kb / 12P
Standard Fixed Output LDO Regulators
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
Secondary Fixed Output LDO Regulators
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
Dual Output Secondary Fixed Output LDO Regulators
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
Standard Fixed Output LDO Regulators
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
Dual Output Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
1A Fixed Output LDO Regulators
logo
First Components Intern...
FC7630SP FCI-FC7630SP Datasheet
189Kb / 4P
SP FIXED- MULTI-OUTPUT REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com