Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF830 Datasheet(PDF) 1 Page - First Components International

Part # IRF830
Description  4.5A 500V N CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

IRF830 Datasheet(HTML) 1 Page - First Components International

  IRF830 Datasheet HTML 1Page - First Components International IRF830 Datasheet HTML 2Page - First Components International IRF830 Datasheet HTML 3Page - First Components International IRF830 Datasheet HTML 4Page - First Components International IRF830 Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4.5A 500V N CHANNEL POWER MOSFET
1
3
Case
2
Mechanical Dimensions
Description
TO-220AB
DIMENSION IN MM
D
S
G
D


Similar Part No. - IRF830

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF830 PHILIPS-IRF830 Datasheet
58Kb / 7P
PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
STMicroelectronics
IRF830 STMICROELECTRONICS-IRF830 Datasheet
92Kb / 8P
N - CHANNEL 500V - 1.35ohm - 4.5A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Fairchild Semiconductor
IRF830 FAIRCHILD-IRF830 Datasheet
141Kb / 6P
N-Channel Power MOSFETs, 4.5 A, 450V/500V
logo
Intersil Corporation
IRF830 INTERSIL-IRF830 Datasheet
56Kb / 7P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
July 1999
More results

Similar Description - IRF830

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ41A INTERSIL-BUZ41A Datasheet
41Kb / 5P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
IRF430 INTERSIL-IRF430 Datasheet
56Kb / 7P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
IRF830 INTERSIL-IRF830 Datasheet
56Kb / 7P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
July 1999
logo
Harris Corporation
BUZ41A HARRIS-BUZ41A Datasheet
45Kb / 5P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFF830 TAK_CHEONG-TFF830 Datasheet
310Kb / 7P
N-Channel Power MOSFET 4.5A, 500V, 1.50廓
TFP830 TAK_CHEONG-TFP830 Datasheet
330Kb / 7P
N-Channel Power MOSFET 4.5A, 500V, 1.50廓
logo
Unisonic Technologies
UF830 UTC-UF830 Datasheet
307Kb / 8P
4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
UF830Z UTC-UF830Z Datasheet
280Kb / 8P
4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRF430 NJSEMI-IRF430 Datasheet
153Kb / 3P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
First Components Intern...
IRF830FP FCI-IRF830FP Datasheet
405Kb / 5P
4.5A 500V N CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com