Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9468 Datasheet(PDF) 39 Page - Richtek Technology Corporation

Part # RT9468
Description  Single Cell Li-Ion Switching Battery Charger
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9468 Datasheet(HTML) 39 Page - Richtek Technology Corporation

Back Button RT9468 Datasheet HTML 35Page - Richtek Technology Corporation RT9468 Datasheet HTML 36Page - Richtek Technology Corporation RT9468 Datasheet HTML 37Page - Richtek Technology Corporation RT9468 Datasheet HTML 38Page - Richtek Technology Corporation RT9468 Datasheet HTML 39Page - Richtek Technology Corporation RT9468 Datasheet HTML 40Page - Richtek Technology Corporation RT9468 Datasheet HTML 41Page - Richtek Technology Corporation RT9468 Datasheet HTML 42Page - Richtek Technology Corporation RT9468 Datasheet HTML 43Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
39
DS9468-00 May 2017
www.richtek.com
RT9468
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Name
Function
Addr
Reset
CHG_IRQ2
CHG IRQ 2
0x54
0x00
Bit
Mode
Name
Reset Value
Description
7
R/C
CHG_IEOCI
0
Charging current is lower than EOC current ever
occurs
0 : No event occurs
1 : Event occurs
6
R/C
CHG_TERMI
0
Charge terminated event
0 : No event occurs
1 : Event occurs
5
R/C
CHG_RECHGI
0
Re-Charge behavior ever occurs.
0 : No event occurs
1 : Event occurs
4
R/C
SSFINISHI
0
Charger or boost–mode soft-start finishes event
0 : no event occurs
1 : event occurs
3
R/C
WDTMRI
0
Watch dog timer timeout fault
0 : No event occurs
1 : Event occurs
2
R/C
CHGDET_DONEI
0
Charger-type detection done event
0 : No event occurs
1 : Event occurs
1
R/C
CHG_ICHGMeasI
0
ICHG measurement function done event
0 : No event occurs
1 : Event occurs
0
R/C
CHG_AICLMeasI
0
AICL measurement function done event
0 : No event occurs
1 : Event occurs
Name
Function
Addr
Reset
CHG_IRQ3
CHG IRQ 3
0x55
0x00
Bit
Mode
Name
Reset Value
Description
7
R/C
BST_OLPI
0
Boost over-load protection event
0 : No event occurs
1 : Event occurs
6
R/C
BST_MIDOVI
0
Boost PMID OVP fault event
0 : No event occurs
1 : Event occurs
5
R/C
BST_BATUVI
0
Boost low voltage input fault event
0 : No event occurs
1 : Event occurs
[4:2]
R/W
Reserved
000
Reserved
1
R/C
PUMPX_DONEI
0
MTK pump express function done event
0 : No event occurs
1 : Event occurs
0
R/C
ADC_DONEI
0
ADC measurement done event
0 : No event occurs
1 : Event occurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com