Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9468 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT9468
Description  Single Cell Li-Ion Switching Battery Charger
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9468 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT9468 Datasheet HTML 17Page - Richtek Technology Corporation RT9468 Datasheet HTML 18Page - Richtek Technology Corporation RT9468 Datasheet HTML 19Page - Richtek Technology Corporation RT9468 Datasheet HTML 20Page - Richtek Technology Corporation RT9468 Datasheet HTML 21Page - Richtek Technology Corporation RT9468 Datasheet HTML 22Page - Richtek Technology Corporation RT9468 Datasheet HTML 23Page - Richtek Technology Corporation RT9468 Datasheet HTML 24Page - Richtek Technology Corporation RT9468 Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
21
DS9468-00 May 2017
www.richtek.com
RT9468
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Name
Function
Addr
Reset
CHG_CTRL8
Control 8
0x08
0xA1
Bit
Mode
Name
Reset Value
Description
[7:4]
R/W
VPREC[3:0]
1010
Pre-charge voltage threshold
0000 : 2V
0001 : 2.1V
0010 : 2.2V
0011 : 2.3V
0100 : 2.4V
0101 : 2.5V
0110 : 2.6V
0111 : 2.7V
1000 : 2.8V
1001 : 2.9V
1010 : 3.0V (default)
1011 : 3.1V
1100 : 3.2V
1101 : 3.3V
1110 : 3.4V
1111 : 3.5V
[3:0]
R/W
IPREC[3:0]
0001
Pre-charge current threshold
0000 : 100mA
0001 : 150mA (default)
0010 : 200mA
0011 : 250mA
0100 : 300mA
0101 : 350mA
0110 : 400mA
0111 : 450mA
1000 : 500mA
1001 : 550mA
1010 : 600mA
1011 : 650mA
1100 : 700mA
1101 : 750mA
1110 : 800mA
1111 : 850mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com