Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1839-422-403-R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKP1839-422-403-R
Description  Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1839-422-403-R Datasheet(HTML) 2 Page - Vishay Siliconix

  MKP1839-422-403-R Datasheet HTML 1Page - Vishay Siliconix MKP1839-422-403-R Datasheet HTML 2Page - Vishay Siliconix MKP1839-422-403-R Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
69
MKP 1839
Vishay Roederstein
Document Number 26022
Revision 01-Dec-03
For technical questions, contact dc-film@vishay.com
DISSIPATION FACTOR TAN
MEASURED AT
C
≤ 0.1µF
0.1
µF < C ≤ 1.0µF
C > 1.0
µF
1kHz
0.4 x 10-3
0.4 x 10-3
1 x 10-3
10kHz
0.6 x 10-3
0.6 x 10-3
—
100kHz
4 x 10-3
——
Maximum values
δ
δδ
δδ
Further C-values upon request
PCM = L + 3.5mm
*Not suitable for mains applications.
Please refer to X-capacitors in our catalog “RFI Suppression Components”.
CAPACITANCE
CAPACITANCE
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
CODE
CODE 16
CODE 25
CODE 40
CODE 63
160 VDC/
250 VDC/
400 VDC/
630 VDC/
100 VAC
160 VAC
220 VAC*
250 VAC*
DL
D
L
D
L
D
L
1000 pF
- 210
—
—
—
—
—
—
5.0
11.0
1500 pF
- 215
—
—
—
—
—
—
5.0
11.0
2200 pF
- 222
—
—
—
—
—
—
5.0
11.0
3300 pF
- 233
—
—
—
—
—
—
5.0
11.0
4700 pF
- 247
—
—
—
—
—
—
5.0
11.0
6800 pF
- 268
—
—
—
—
5.0
11.0
5.5
11.0
0.01 µF
- 310
—
—
5.0
11.0
5.5
11.0
5.5
14.0
0.015 µF
- 315
—
—
5.0
11.0
6.0
11.0
6.5
14.0
0.022 µF
- 322
—
—
5.0
11.0
6.5
14.0
7.5
14.0
0.033 µF
- 333
5.0
11.0
5.5
11.0
7.0
14.0
7.0
19.0
0.047 µF
- 347
5.5
11.0
6.0
14.0
8.0
14.0
8.0
19.0
0.068 µF
- 368
6.0
11.0
6.5
14.0
8.5
19.0
9.0
19.0
0.1 µF
- 410
6.5
14.0
7.5
14.0
9.0
19.0
8.5
26.5
0.15 µF
- 415
7.5
14.0
7.0
19.0
8.0
26.5
10.5
26.5
0.22 µF
- 422
7.0
19.0
8.5
19.0
9.5
26.5
12.0
26.5
0.33 µF
- 433
8.0
19.0
8.0
26.5
11.5
26.5
14.5
26.5
0.47 µF
- 447
9.0
19.0
9.0
26.5
13.5
26.5
15.0
31.5
0.68 µF
- 468
8.5
26.5
11.0
26.5
14.0
31.5
18.0
31.5
1.0 µF
- 510
10.5
26.5
12.5
26.5
17.0
31.5
18.0
41.5
1.5 µF
- 515
12.0
26.5
13.0
31.5
20.5
31.5
22.0
41.5
2.2 µF
- 522
13.0
31.5
16.0
31.5
21.0
41.5
—
—
3.3 µF
- 533
15.5
31.5
19.0
31.5
—
—
—
—
4.7 µF
- 547
15.5
41.5
19.5
41.5
—
—
—
—
6.8 µF
- 568
18.5
41.5
23.0
41.5
—
—
—
—
10.0 µF
- 610
22.0
41.5
—
—
—
—
—
—
RECOMMENDED PACKAGING
LETTER
TYPE OF
REEL DIAMETER
ORDERING CODE
CODE
PACKAGING
(mm)
EXAMPLE
G
AMMO
—
MKP 1839-422-403-G
X
R
REEL
350
MKP 1839-422-403-R
X
—
BULK
—
MKP 1839-522-403
X
for L > 31.5mm
Metallized Polypropylene, Related Document: IEC 60384-16



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com