Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1839-422-403-R Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MKP1839-422-403-R
Description  Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1839-422-403-R Datasheet(HTML) 3 Page - Vishay Siliconix

  MKP1839-422-403-R Datasheet HTML 1Page - Vishay Siliconix MKP1839-422-403-R Datasheet HTML 2Page - Vishay Siliconix MKP1839-422-403-R Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.vishay.com
70
MKP 1839
Vishay Roederstein
Document Number 26022
Revision 01-Dec-03
For technical questions, contact dc-film@vishay.com
Permissible AC Voltage versus Frequency
f [Hz]
100
7
5
3
2
10
7
5
3
2
1
0.047
0.1
0.22
0.47
1.0
2.2
6.8
10
4.7
160 VDC
103
2
3
5 7 104
23
5
7 105
23
5 7 106
Capacitance in
µF
Permissible AC Voltage versus Frequency
f [Hz]
1000
7
5
3
2
100
7
5
3
2
10
0.01
0.022
0.047
0.1
0.47
2.2
0.22
6.8
4.7
1.0
250 VDC
103
2
3
5 7 104
23
5
7 105
23
5 7 106
Capacitance in
µF
Permissible AC Voltage versus Frequency
f [Hz]
1000
7
5
3
2
100
7
5
3
2
10
0.22
0.47
1.0
2.2
0.022
0.01
0.1
0.047
400 VDC
103
2
3
5 7 104
23
5
7 105
23
5 7 106
Capacitance in
µF
Permissible AC Voltage versus Frequency
f [Hz]
1000
7
5
3
2
100
7
5
3
2
10
0.1
0.22
0.47
1.0
1.5
0.0
22
0.0
1
4700
2200
1000
0.047
630 VDC
103
2
3
5 7 104
23
5
7 105
23
5 7 106
Capacitance in pF and
µF
Metallized Polypropylene, Related Document: IEC 60384-16



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com