Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT4531WSC Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT4531WSC
Description  Dual Channel 10s2p WLED Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4531WSC Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT4531WSC Datasheet HTML 1Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 2Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 3Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 4Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 5Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 6Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 7Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
RT4531
www.richtek.com
DS4531-01
July 2016
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ------------------------------------------------------------------------------------------------ 2.5V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
(VIN = 3.6V, CIN = 2.2
μF, COUT = 1μF, L = 4.7μH, TA = 25°C, unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VIN -------------------------------------------------------------------------------------------------------
−0.3V to 6V
LED Switching Voltage, SW -------------------------------------------------------------------------------------------- 38V
LED Current Source Voltage, IFB1, IFB2 ----------------------------------------------------------------------------
−0.3V to 6V
Digital Clock Control Pin, EN, PWM ---------------------------------------------------------------------------------
−0.3V to 6V
Other Pins, ISET ----------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
WL-CSP-9B 1.35x1.35 (BSC) ------------------------------------------------------------------------------------------ 1.22W
Package Thermal Resistance (Note 2)
WL-CSP-9B 1.35x1.35 (BSC),
θJA ------------------------------------------------------------------------------------ 81.5°C/W
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Model) ----------------------------------------------------------------------------------------------------- 200V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supply
UVLO
VUVLO
VIN falls
--
2.2
2.3
V
UVLO Hysteresis Voltage
VUVLO
VIN rises after UVLO
30
50
200
mV
VIN Supply Current
IQ
EN = High, Non-switching
--
1.2
--
mA
VIN Shutdown Current
ISHDN
VIN = 5V
--
1
--
A
Thermal Shutdown
TSD
--
150
--
C
Thermal Shutdown
Hysteresis
--
15
--
C
Back Light LED
Accuracy of Back Light
Output Current 1/2
AIBL1, 2
IFBx = 20mA
2
--
2
%
Matching of Output Current
MIBL
IFBx = 20mA
--
1
2
%
IFBx = 500A
--
1
--
%
BLED Sense Voltage 1/2
VDSBL
IFBx = 20mA, measured on
IFBx pin which has a lower
voltage.
200
300
430
mV
Back Light Switching
Frequency
fblosc
0.88
1
1.12
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com