Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT4531WSC Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT4531WSC
Description  Dual Channel 10s2p WLED Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4531WSC Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT4531WSC Datasheet HTML 1Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 2Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 3Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 4Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 5Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 6Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 7Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT4531
®
DS4531-01
July 2016
www.richtek.com
1
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Simplified Application Circuit
Applications
Smart Phones
Probable Instruments
Backlight for Small and Media Form
Factor LCD Display with Single-cell Battery Input
Dual Channel 10s2p WLED Drivers
General Description
The RT4531 is a dual-channel current source with high-
efficiency asynchronous boost converter for backlight
application. The RT4531 has built-in 1.5A/36V power
MOSFET and two high current-matching capability current
sink, so RT4531 can drives up 10s2p white LED. The
RT4531 can allow very low voltage headroom control,
therefore to improve LED strings efficiency effectively.
The RT4531 supports both PWM dimming and 1-wire
digital dimming interface and it can realize 10 bit
brightness code programming.
The RT4531 provides complete protection functions such
as input Under-Voltage Lockout (UVLO), Over-Current
Protection (OCP), Output Over Voltage (OVP) and Over-
Temperature Protection (OTP).
The RT4531 is available in the WL-CSP-9B 1.35x1.35
(BSC) package.
Features
Input Voltage Range : 2.5V to 5.5V
Internal Soft-Start, UVLO, OTP, OCP, OVP
Typical Shutdown Current : < 1
μμμμμA
1MHz Switching Frequency
Drives Up to 10 WLEDs in Two Strings
Independent PWM Dimming and 1-Wire Dimming
Control
PWM Dimming Frequency from 20k to 100kHz
Up to 10 Bit Dimming Resolution
LED Current Accuracy
±±±±± 2% ( > 5mA)
LED Current Matching
±±±±± 2% ( > 5mA)
Built-in IFB1/IFB2 pin OVP, Short Protection, and
Un-Use Detection
RT4531
Package Type
WSC : WL-CSP-9B 1.35x1.35 (BSC)
SW
ISET
GND
RT4531
VIN
EN
L
VIN
IFB1
C3
Enable
C2
R2
2P10S
WLEDs
IFB2
PWM
AGND
R1
C1
PWM Dimming


Similar Part No. - RT4531WSC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
RT4532WSC RICHTEK-RT4532WSC Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
RT4533 RICHTEK-RT4533 Datasheet
142Kb / 11P
Asynchronous Boost Converter
More results

Similar Description - RT4531WSC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65142 TI1-TPS65142 Datasheet
2Mb / 32P
LCD Bias Power Integrated with WLED Backlight Drivers
TPIC71002-Q1 TI1-TPIC71002-Q1 Datasheet
370Kb / 8P
Dual Channel Squib Drivers
TPS61162D TI-TPS61162D Datasheet
1Mb / 26P
Dual-Channel WLED Drivers For Smart Phone
TPS61163 TI-TPS61163 Datasheet
1Mb / 28P
Dual-Channel WLED Drivers For Smart Phone
TPS61162A TI1-TPS61162A Datasheet
1Mb / 28P
Dual-Channel WLED Drivers for Smart Phone
TPS61162D TI1-TPS61162D_16 Datasheet
1Mb / 29P
Dual-Channel WLED Drivers for Smart Phones
TPS61162A TI1-TPS61162A_16 Datasheet
1Mb / 35P
TPS6116xA Dual-Channel WLED Drivers For Smart Phones
TPS61162D_016 TI1-TPS61162D_016 Datasheet
1Mb / 31P
TPS61162D Dual-Channel WLED Drivers for Smart Phones
logo
ON Semiconductor
FMS6410B ONSEMI-FMS6410B Datasheet
335Kb / 10P
Dual-Channel Video Drivers
October 2006 Rev. 1.0.2
logo
IXYS Corporation
LDS8160 IXYS-LDS8160 Datasheet
656Kb / 39P
Dual-Output RGB / 6-Channel WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com