Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9174AE Datasheet(PDF) 18 Page - Mitel Networks Corporation

Part # MT9174AE
Description  Digital Subscriber Interface Circuit with RxSB
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9174AE Datasheet(HTML) 18 Page - Mitel Networks Corporation

Back Button MT9174AE Datasheet HTML 14Page - Mitel Networks Corporation MT9174AE Datasheet HTML 15Page - Mitel Networks Corporation MT9174AE Datasheet HTML 16Page - Mitel Networks Corporation MT9174AE Datasheet HTML 17Page - Mitel Networks Corporation MT9174AE Datasheet HTML 18Page - Mitel Networks Corporation MT9174AE Datasheet HTML 19Page - Mitel Networks Corporation MT9174AE Datasheet HTML 20Page - Mitel Networks Corporation MT9174AE Datasheet HTML 21Page - Mitel Networks Corporation MT9174AE Datasheet HTML 22Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
MT9173/74
Preliminary Information
9-154
Figure 16 - C4 Clock & Frame Pulse Alignment for ST-BUS Streams in DN Mode
Figure 17 - Frequency Locking for the C4 and OSC1 Clocks in MAS/DN Mode
† Timing is over recommended temperature & power supply voltage ranges.
* Typical figures are at 25
°C, for design aid only: not guaranteed and not subject to production testing.
Figure 18 - RCK, TCK & CLD Timing For MOD Mode
AC Electrical Characteristics† - Clock Timing - MOD Mode (Figure 18)
Characteristics
Sym
80 kbit/s
160 kbit/s
Units
Test
Conditions
Min
Typ*
Max Min
Typ*
Max
1 TCK/RCK Clock Period
tCP
12.5
6.25
µs
2 TCK/RCK Clock Width
tCW
6.25
3.125
µs
3 TCK/RCK Clock Transition Time
tCT
20
20
ns
CL=40pF
4 CLD to TCK Setup Time
tCLDS
3.125
1.56
µs
5 CLD to TCK Hold Time
tCLDH
3.125
1.56
µs
6 CLD Width Low
tCLDW
6.05
2.925
µs
7 CLD Period
tCLDP
8xtCP
8xtCP
µs
C4
F0
2.0V
0.8V
2.0V
0.8V
tC4P
tC4W
tF0S
tF0H
tF0W
tC4W
C4
OSC1
2.0V
0.8V
3.0V
2.0V
JC
Φ
RCK
TCK
CLD
tCT
tCP
tCLDS
tCLDH
tCW
tCT
tCLDW
tCW
2.4V
0.4V
2.4V
0.4V
2.4V
0.4V
tCP
Note 1: TCK and CLD are generated on chip and provide the data clocks for the CD port and the transmit section of the
DV port. RCK, also generated on chip, is extracted from the receive data and only clocks out the data at the Do output
and may be skewed with respect to TCK due to end-to-end delay.
Note 2: At the slave end TCK is phase locked to RCK.
The rising edge of TCK will lead the rising edge of RCK by approximately 90o.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com