Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9174AE Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT9174AE
Description  Digital Subscriber Interface Circuit with RxSB
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9174AE Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT9174AE Datasheet HTML 1Page - Mitel Networks Corporation MT9174AE Datasheet HTML 2Page - Mitel Networks Corporation MT9174AE Datasheet HTML 3Page - Mitel Networks Corporation MT9174AE Datasheet HTML 4Page - Mitel Networks Corporation MT9174AE Datasheet HTML 5Page - Mitel Networks Corporation MT9174AE Datasheet HTML 6Page - Mitel Networks Corporation MT9174AE Datasheet HTML 7Page - Mitel Networks Corporation MT9174AE Datasheet HTML 8Page - Mitel Networks Corporation MT9174AE Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Preliminary Information
MT9173/74
9-139
15
17
F0o/RCK
Frame Pulse Out/Receive Bit Rate Clock output (Digital). In DN mode a 244 ns
wide negative pulse indicating the end of the active channel times of the device to
allow daisy chaining. In MOD mode provides the receive bit rate clock to the system.
16
19
C4/TCK
Data Clock/Transmit Baud Rate Clock (Digital). A 4.096 MHz TTL compatible clock
input for the MASTER and output for the SLAVE in DN mode. For MOD mode this pin
provides the transmit bit rate clock to the system.
17
21
OSC2
Oscillator Output. CMOS Output.
19
22
OSC1
Oscillator Input. CMOS Input. D.C. couple signals to this pin. Refer to D.C. Electrical
Characteristics for OSC1 input requirements.
20
23
Precan
Precanceller Disable. When held to Logic ’1’, the internal path from LOUT to the
precanceller is forced to VBias thus bypassing the precanceller section. When logic ’0’,
the LOUT to the precanceller path is enabled and functions normally. An internal
pulldown (50 k
Ω) is provided on this pin.
18
1,6,
18,
20,
25
NC
No Connection. Leave open circuit
21
24
LOUT DIS LOUT Disable. When held to logic “1”, LOUT is disabled (i.e., output = VBias). When
logic “0”, LOUT functions normally. An internal pulldown (50 kΩ) is provided on this pin.
22
26
TEST
Test Pin.
Connect to VSS.
23
27
LIN
Receive Signal input (Analog).
24
28
VDD
Positive Power Supply (+5V) input.
Pin Description (continued)
Pin #
Name
Description
24
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com