Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS9888 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADCS9888
Description  205/170/140 MSPS Video Analog Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS9888 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button ADCS9888 Datasheet HTML 17Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 18Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 19Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 20Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 21Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 22Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 23Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 24Page - National Semiconductor (TI) ADCS9888 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Configuration Register Descriptions (Continued)
Address
(Hex)
Write/Read
or Read Only
Bits
POR Value
Name
Bit Name/Description
14H
RO
7
Sync Detect
Status
Hsync Detect. 1 = activity is detected on the HSYNC
input pin.0=no activity detected.
6
AHS - Active Hsync Select. The bit indicates which
Hsync source will automatically be used by the chip. 0 =
HSYNC input pin. 1 = output of sync slicer. This can be
overridden by asserting the Active Hsync Override bit at
Register 0EH, bit 4 and setting the Hsync source at
Register 0EH, bit 3.
5
Input Hsync Polarity Detect. 0 = active low. 1 = active
high.
4
Vsync Detect. 1 = activity is detected on the VSYNC
input pin.0=no activity detected.
3
AVS - Active Vsync Select. This bit indicates which
Vsync source will automatically be used by the chip. 0 =
VSYNC input pin. 1 = output of sync separator. This
can be overridden by asserting the Active Vsync
Override bit at Register 0EH, bit 1 and setting the Vsync
source at Register 0EH, bit 0.
2
VSOUT Polarity Detect. 0 = active high, 1 = active low.
1
SOGIN Activity Detect. This bit indicates if there is
activity at the output of the sync slicer.0=no activity. 1
= activity detected.
0
Coast Polarity Detect. This bit indicates the polarity of
the signal being applied to the PLL coast function. 0 =
active low, 1 = active high.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com