Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI01 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # PCI01
Description  Periphelar Coupled Input NPN
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI01 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button PCI01 Datasheet HTML 8Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 9Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 10Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 11Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 12Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 13Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 14Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 15Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
grifo®
ITALIAN TECHNOLOGY
Pagina 6
PCI 01
Rel. 3.00
SPECIFICHE TECNICHE
SPECIFICHE TECNICHE
CARATTERISTICHE GENERALI
Risorse di bordo:
32 Input optoisolati NPN
1 Dip-switch ad 8 vie per settaggio indirizzo in I/O
Tipo di BUS:
Industriale ABACO®
Gestibile con dati ad 8 o 16 bits.
N.ro byte di indirizzamento:
256 bytes
N.ro byte / word occupati:
4 / 2
CARATTERISTICHE FISICHE
Dimensioni:
Formato standard EUROPA da 100x160 mm
Peso:
156 g
Connettori:
K1: DIN 4161264 vie M 90 gradi A+C corpo C
K2: Scatolino 20 vie M 90 gradi con estrattore
K3: Scatolino 20 vie M 90 gradi con estrattore
Range di temperatura:
da 0 a 70 gradi centigradi
Umidità relativa:
20% fino a 90% (senza condensa)
CARATTERISTICHE ELETTRICHE
Tensioni di alimentazione:
+5 Vdc
± 5%
(logica)
+24 Vdc
(ingressi optoisolati)
Correnti assorbite:
255 mA
(+5 Vdc)
260 mA
(+24 Vdc)
Filtro antidisturbo sugli ingressi NPN:
Del tipo a
π
Corrente minima per ingressi NPN:
400
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com