Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI01 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # PCI01
Description  Periphelar Coupled Input NPN
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI01 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button PCI01 Datasheet HTML 14Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 15Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 16Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 17Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 18Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 19Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 20Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 21Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
grifo®
ITALIAN TECHNOLOGY
Pagina 12
PCI 01
Rel. 3.00
K1 - CONNETTORE PER ABACO® BUS
Il connettore per il collegamentoi al BUS industriale ABACO®, denominato K1 sulla scheda, é del
tipo DIN 41612, maschio a 90 gradi, corpo C, A+C.
Di seguito é riportato i pin-out del connettore presente sulla PCI 01, ed anche quelli agli standard
dell’ABACO® BUS a 8 e 16 bit.
Si ricorda che tutti i segnali presenti, escluse le tensioni di alimentazione, sono del tipo TTL.
FIGURA 8: K1 - CONNETTORE PER ABACO® BUS
AA
A
PIN
CC
C
BUS a 16 bit BUS a 8 bit
PCI 01
PCI 01
BUS a 8 bit BUS a 16 bit
GND
GND
GND
1
GND
GND
GND
+5 Vdc
+5 Vdc
+5 Vdc
2
+5 Vdc
+5 Vdc
+5 Vdc
D0
D0
D0
3
D8
D8
D1
D1
D1
4
D9
D9
D2
D2
D2
5
D10
D10
D3
D3
D3
6
N.C.
/INT
/INT
D4
D4
D4
7
N.C.
/NMI
/NMI
D5
D5
D5
8
D11
/HALT
D11
D6
D6
D6
9
N.C.
/MREQ
/MREQ
D7
D7
D7
10
/IORQ
/IORQ
/IORQ
A0
A0
A0
11
/RD
/RD
/RDLDS
A1
A1
A1
12
N.C.
/WR
/WRLDS
A2
A2
A2
13
D12
/BUSAK
D12
A3
A3
A3
14
N.C.
/WAIT
/WAIT
A4
A4
A4
15
D13
/BUSRQ
D13
A5
A5
A5
16
N.C.
/RESET
/RESET
A6
A6
A6
17
/M1
/M1
/IACK
A7
A7
A7
18
D14
/RFSH
D14
A8
A8
N.C.
19
N.C.
/MEMDIS
/MEMDIS
A9
A9
N.C.
20
N.C.
VDUSEL
A22
A10
A10
N.C.
21
D15
/IEI
D15
A11
A11
N.C.
22
N.C.
A12
A12
N.C.
23
N.C.
CLK
CLK
A13
A13
N.C.
24
/RDUDS
/RDUDS
A14
A14
N.C.
25
N.C.
/WRUDS
A15
A15
N.C.
26
N.C.
A21
A16
N.C.
27
N.C.
A20
A17
N.C.
28
N.C.
A19
A18
N.C.
29
N.C.
/R.T.
/R.T.
+12 Vdc
+12 Vdc
N.C.
30
N.C.
-12 Vdc
-12 Vdc
+5 Vdc
+5 Vdc
+5 Vdc
31
+5 Vdc
+5 Vdc
+5 Vdc
GND
GND
GND
32
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com