Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD438B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PD438B
Description  4.8 MM SEMI LENS SILICON PIN PHOTODIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD438B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PD438B Datasheet HTML 1Page - List of Unclassifed Manufacturers PD438B Datasheet HTML 2Page - List of Unclassifed Manufacturers PD438B Datasheet HTML 3Page - List of Unclassifed Manufacturers PD438B Datasheet HTML 4Page - List of Unclassifed Manufacturers PD438B Datasheet HTML 5Page - List of Unclassifed Manufacturers PD438B Datasheet HTML 6Page - List of Unclassifed Manufacturers PD438B Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 3.1
Page: 4 of 7
Device No:DPD-043-001
Prepared date:06-15-2004
Prepared by:Jaine Tsai
0
-25
50
100
150
25
0
50
200
75 85 100
0
600 700
0.2
0.4
0.6
0.8
Ta=25
O
C
1.0
1100
800 900 1000
1200
1
20
10
100
40
60
VR=10V
80
100
1000
1
0.5
0
10
20
30
40
1.5
2
3
VR=5V
PD438B
Typical Electro-Optical Characteristics Curves
Fig.1 Power Dissipation vs.
Fig.2 Spectral Sensitivity
Ambient Temperature
Fig.3 Dark Current vs.
Fig. 4 Reverse Light Current vs.
Ambient Temperature
Ee



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com