Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD438B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PD438B
Description  4.8 MM SEMI LENS SILICON PIN PHOTODIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD438B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PD438B Datasheet HTML 1Page - List of Unclassifed Manufacturers PD438B Datasheet HTML 2Page - List of Unclassifed Manufacturers PD438B Datasheet HTML 3Page - List of Unclassifed Manufacturers PD438B Datasheet HTML 4Page - List of Unclassifed Manufacturers PD438B Datasheet HTML 5Page - List of Unclassifed Manufacturers PD438B Datasheet HTML 6Page - List of Unclassifed Manufacturers PD438B Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 3.1
Page: 5 of 7
Device No:DPD-043-001
Prepared date:06-15-2004
Prepared by:Jaine Tsai
10
60
20
0
0.1
40
1
80
100
f=1MHZ
VR=3V
2
10
-2
10
1
-3
10
10
10
2
-1
10
Ta=25
VR=10V
10
0
1
C
O
10
3
10
4
10
5
PD438B
Typical Electro-Optical Characteristics Curves
Fig.5 Terminal Capacitance vs.
Fig.6 Response Time vs.
Reverse Voltage
Load Resistance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com